Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB25H45CTHE3 Datasheet (PDF) - Vishay Siliconix

MBRB25H45CTHE3 Datasheet PDF - Vishay Siliconix
Part # MBRB25H45CTHE3
Download  MBRB25H45CTHE3 Download
File Size   153.12 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common Cathode Schottky Rectifier

MBRB25H45CTHE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB25H45CTHE3 Datasheet PDF - Vishay Siliconix

Part # MBRB25H45CTHE3
Download  MBRB25H45CTHE3 Click to download

File Size   153.12 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common Cathode Schottky Rectifier

MBRB25H45CTHE3 Datasheet (HTML) - Vishay Siliconix


MBRB25H45CTHE3 Product details

• Power pack
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per
JESD 22-B106 (for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3_A




Similar Part No. - MBRB25H45CTHE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB25H45CTHE3 VISHAY-MBRB25H45CTHE3 Datasheet
174Kb / 8P
Schottky Rectifier, 2 x 15 A
16-Mar-10
MBRB25H45CTHE3/45 VISHAY-MBRB25H45CTHE3/45 Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBRB25H45CTHE3/81 VISHAY-MBRB25H45CTHE3/81 Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
More results


Similar Description - MBRB25H45CTHE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com