Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR25XXCT Datasheet (PDF) - Vishay Siliconix

MBR25XXCT Datasheet PDF - Vishay Siliconix
Part # MBR25XXCT
Download  MBR25XXCT Download
File Size   145.23 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common Cathode Schottky Rectifier

MBR25XXCT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR25XXCT Datasheet PDF - Vishay Siliconix

Part # MBR25XXCT
Download  MBR25XXCT Click to download

File Size   145.23 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common Cathode Schottky Rectifier

MBR25XXCT Datasheet (HTML) - Vishay Siliconix


MBR25XXCT Product details

• Power pack
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C (for D2PAK (TO-263AB) package)
• Solder bath temperature 275 °C maximum, 10 s, per
JESD 22-B106 (for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3_A




Similar Part No. - MBR25XXCT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBR25XXCT GOOD-ARK-MBR25XXCT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
MBR25XXCT HORNBY-MBR25XXCT Datasheet
261Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
MBR25XXCT FS-MBR25XXCT Datasheet
335Kb / 3P
Dual SchottkyBarrierRectifiers
logo
Vishay Siliconix
MBR25XXCT VISHAY-MBR25XXCT Datasheet
142Kb / 5P
Dual Common Cathode Schottky Rectifier
11-Jun-13
MBR25XXCT VISHAY-MBR25XXCT_V01 Datasheet
142Kb / 5P
Dual Common Cathode Schottky Rectifier
11-Jun-13
More results


Similar Description - MBR25XXCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com