Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1401 Datasheet (PDF) - Global Mixed-mode Technology Inc

G1401 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1401
Download  G1401 Download
File Size   211.2 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Stereo Headphone Power Amplifier

G1401 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1401 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1401
Download  G1401 Click to download

File Size   211.2 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Stereo Headphone Power Amplifier

G1401 Datasheet (HTML) - Global Mixed-mode Technology Inc


G1401 Product details

General Description
The G1401 is a stereo audio power amplifier housed in a 8-pin SOP package capable of delivering 135mW of continuous power per channel into 16Ω loads.
Amplifier gain is externally configured by means of two resistors per input channel.
The G1401 is a dual channel, low voltage, low power, performance OP amps that can be designed into a wide range of headphone driving applications, at an economical price.

Features
■ Class AB amplifier
■ High performance
■ High signal-to-noise ratio
■ Low distortion
■ Low power consumption
■ Large output voltage swing
■ Excellent power supply ripple rejection
■ 3.0V to 7.0V supply voltage range
■ Surface-Mount package-SOP 8

Applications
■ CD-ROM
■ DVD-ROM
■ CD-R/W
■ MP3
■ Portable Stereo
■ Earphone for cellular phone




Similar Part No. - G1401

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
G1402P1T GMT-G1402P1T Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
G1402P1TF GMT-G1402P1TF Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
G1402P1U GMT-G1402P1U Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
G1402P1UF GMT-G1402P1UF Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
More results


Similar Description - G1401

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
Headphone Stereo Power Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
3V Stereo Headphone Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com