Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7992CB Datasheet (PDF) - Analog Devices

EVAL-AD7992CB Datasheet PDF - Analog Devices
Part # EVAL-AD7992CB
Download  EVAL-AD7992CB Download
File Size   696.68 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP

EVAL-AD7992CB Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-AD7992CB Datasheet PDF - Analog Devices

Part # EVAL-AD7992CB
Download  EVAL-AD7992CB Click to download

File Size   696.68 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP

EVAL-AD7992CB Datasheet (HTML) - Analog Devices


EVAL-AD7992CB Product details

FEATURES
12-bit ADC with fast conversion time: 2 µs typ
2 single-ended analog input channels
Specified for VDD of 2.7 V to 5.5 V
Low power consumption
Fast throughput rate: up to 188 kSPS
Sequencer operation
Temperature range: − 40 °C to 125 °C
Automatic cycle mode
I2C®-compatible serial interface supports standard, fast,
and high speed modes
Out-of-range indicator/alert function
Pin-selectable addressing via AS
2 versions allow 5 I2C addresses
Shutdown mode: 1 µA max
10-lead MSOP package




Similar Part No. - EVAL-AD7992CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7992CB AD-EVAL-AD7992CB Datasheet
934Kb / 28P
2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
More results


Similar Description - EVAL-AD7992CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7994 AD-AD7994 Datasheet
277Kb / 27P
4-Channel, 12-/10-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
AD7992 AD-AD7992 Datasheet
266Kb / 21P
2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
AD7993 AD-AD7993 Datasheet
693Kb / 32P
4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
10/04-Revision 0
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7992 AD-AD7992_05 Datasheet
934Kb / 28P
2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7992 AD-AD7992_15 Datasheet
892Kb / 29P
2-Channel, 12-Bit ADC with IC-Compatible Interface in 10-Lead MSOP
REV. 0
EVAL-AD7992 AD-EVAL-AD7992_15 Datasheet
465Kb / 12P
Evaluation Board for the 2-Channel, 12-Bit ADC with I2C-Compatible Interface
REV. A
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
Rev. 0
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
9/14-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com