Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16142FP Datasheet (PDF) - Renesas Technology Corp

HA16142FP Datasheet PDF - Renesas Technology Corp
Part # HA16142FP
Download  HA16142FP Download
File Size   213.82 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PFC and PWM Controller

HA16142FP Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16142FP Datasheet PDF - Renesas Technology Corp

Part # HA16142FP
Download  HA16142FP Click to download

File Size   213.82 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PFC and PWM Controller

HA16142FP Datasheet (HTML) - Renesas Technology Corp


HA16142FP Product details

Description
The HA16141P/FP and the HA16142P/FP are power supply controller ICs combining an AC-DC converter switching controllers for power factor correction and off-line power supply switching controllers. PFC (Power factor correction) section employs average current mode PWM and off-line power supply control section employs peak current mode PWM. The HA16142P/FP is the change version of HA16141P/FP’s PWM maximum on duty cycle. The PFC operation can be turned on and off by external control signal. Use of this on/off function makes it possible to disable PFC operation at a low line voltage, or to perform remote control operation from the transformer secondary side. The PFC power supply boosted output voltage is not only fed to an error amplifier input signal but also fed to as the boost voltage monitor circuit. PG signal is put out if the boost voltage is out-of-spec. The PWM controller, which begins operation at the same time as release of the IC’s UVLO (under-voltage lockout) is suitable for auxiliary power supply use in a multi-output power supply system.

Features
• Synchronized PFC and PWM timing
• Self oscillation with fixed frequency
PFC : 100 kHz (±15 %)
PWM : 200 kHz (±15 %)
• PFC function on/off control
• PFC boosted output voltage monitor
• High-output current gate drivers
PFC driver peak current : ±1.5 A typ.
PWM driver peak current : ±1.0 A typ.
• PWM maximum on duty cycle
72% min (HA16141P/FP)
49.5% max (HA16142P/FP)




Similar Part No. - HA16142FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16142FP RENESAS-HA16142FP Datasheet
363Kb / 18P
PFC and PWM Controller
logo
Hitachi Semiconductor
HA16142FP HITACHI-HA16142FP Datasheet
239Kb / 18P
PFC and PWM Controller
More results


Similar Description - HA16142FP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
PFC/PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
PFCPWM Combination Controller
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
PFC/PWM Controller Combination
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
PFC/ PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
PFC/ PWM Controller Combination
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Hitachi Semiconductor
HA16141P HITACHI-HA16141P Datasheet
239Kb / 18P
PFC and PWM Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com