Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHLP-3232DZ-A1 Datasheet (PDF) - Vishay Siliconix

IHLP-3232DZ-A1 Datasheet PDF - Vishay Siliconix
Part # IHLP-3232DZ-A1
Download  IHLP-3232DZ-A1 Download
File Size   303.56 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description  Automotive Inductors, High Saturation

IHLP-3232DZ-A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IHLP-3232DZ-A1 Datasheet PDF - Vishay Siliconix

Part # IHLP-3232DZ-A1
Download  IHLP-3232DZ-A1 Click to download

File Size   303.56 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description  Automotive Inductors, High Saturation

IHLP-3232DZ-A1 Datasheet (HTML) - Vishay Siliconix


IHLP-3232DZ-A1 Product details

• Shielded construction
• Excellent DC/DC energy storage up to 5 MHz.
Filter inductor applications up to SRF (see
“Standard Electrical Specifications” table)
• Operating temperature up to 125 °C
• Lowest DCR/μH, in this package size
• Handles high transient current spikes without
saturation
• Ultra low buzz noise, due to composite
construction
• AEC-Q200 qualified




Similar Part No. - IHLP-3232DZ-A1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-3232DZ-A1 VISHAY-IHLP-3232DZ-A1 Datasheet
284Kb / 6P
IHLP® Automotive Inductors, High Saturation Series
04-Jun-2019
IHLP-3232DZ-A1 VISHAY-IHLP-3232DZ-A1_V01 Datasheet
284Kb / 6P
IHLP® Automotive Inductors, High Saturation Series
04-Jun-2019
More results


Similar Description - IHLP-3232DZ-A1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-2525CZ-A1 VISHAY-IHLP-2525CZ-A1_17 Datasheet
157Kb / 4P
Automotive Inductors, High Saturation Series
08-Jun-17
IHLP-3232CZ-A1 VISHAY-IHLP-3232CZ-A1 Datasheet
285Kb / 6P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-5050CE-A1 VISHAY-IHLP-5050CE-A1 Datasheet
151Kb / 5P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-5050EZ-A1 VISHAY-IHLP-5050EZ-A1 Datasheet
137Kb / 5P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-5050FD-A1 VISHAY-IHLP-5050FD-A1 Datasheet
155Kb / 6P
Automotive Inductors, High Saturation
08-Jun-17
IHLP-6767GZ-A1 VISHAY-IHLP-6767GZ-A1 Datasheet
417Kb / 8P
IHLP® Automotive Inductors, High Saturation Series
08-Jun-17
IHLP-1212AZ-A1 VISHAY-IHLP-1212AZ-A1 Datasheet
253Kb / 4P
IHLP® Automotive Inductors, High Saturation Series
29-May-2019
IHLP-1212AB-A1 VISHAY-IHLP-1212AB-A1 Datasheet
373Kb / 4P
IHLP® Automotive Inductors, High Saturation Series
29-May-2019
IHLP-1212BZ-A1 VISHAY-IHLP-1212BZ-A1 Datasheet
433Kb / 4P
IHLP® Automotive Inductors, High Saturation Series
21-Jul-2020
IHPL-1616BZ-A1 VISHAY-IHPL-1616BZ-A1 Datasheet
224Kb / 4P
IHLP® Automotive Inductors, High Saturation Series
16-Oct-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com