Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-45LR Datasheet (PDF) - Vishay Siliconix

VS-45LR Datasheet PDF - Vishay Siliconix
Part # VS-45LR
Download  VS-45LR Download
File Size   214.54 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 150 A

VS-45LR Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-45LR Datasheet PDF - Vishay Siliconix

Part # VS-45LR
Download  VS-45LR Click to download

File Size   214.54 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes (Stud Version), 150 A

VS-45LR Datasheet (HTML) - Vishay Siliconix


VS-45LR Product details

FEATURES
• Alloy diode
• High current carrying capability
• High surge current capabilities
• Stud cathode and stud anode version
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
• Battery chargers
• Welders
• Machine tool controls
• High power drives
• Medium traction applications
• Freewheeling diodes




Similar Part No. - VS-45LR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-45LR VISHAY-VS-45LR Datasheet
196Kb / 9P
Standard Recovery Diodes, (Stud Version), 150 A
Revision: 11-Jan-18
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
Standard Recovery Diodes, (Stud Version), 150 A
Revision: 11-Jan-18
More results


Similar Description - VS-45LR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
45LR VISHAY-45LR Datasheet
166Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
150U60D VISHAY-150U60D Datasheet
99Kb / 6P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
logo
New Jersey Semi-Conduct...
45L NJSEMI-45L Datasheet
66Kb / 2P
Standard Recovery Diodes (Stud Version), 150 A
logo
Vishay Siliconix
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
Standard Recovery Diodes (Stud Version), 25 A
29-Sep-08
45LR VISHAY-45LR_12 Datasheet
198Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
21-May-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
Standard Recovery Diodes (Stud Version), 150 A
30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
Standard Recovery Diodes (Stud Version), 150 A
25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
Standard Recovery Diodes, (Stud Version), 150 A
11-Jan-18
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
Standard Recovery Diodes, (Stud Version), 150 A
Revision: 11-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com