Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP192A Datasheet (PDF) - Toshiba Semiconductor

TLP192A Datasheet PDF - Toshiba Semiconductor
Part # TLP192A
Download  TLP192A Download
File Size   134.73 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocoupler Photorelay

TLP192A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP192A Datasheet PDF - Toshiba Semiconductor

Part # TLP192A
Download  TLP192A Click to download

File Size   134.73 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocoupler Photorelay

TLP192A Datasheet (HTML) - Toshiba Semiconductor


TLP192A Product details

Telecommunications
Measurement and Control Equipment
Data Acquisition System
Measurement Equipment

The Toshiba TLP192A consists of an infrared emitting diode optically coupled to a photo-MOSFET in a 6-pin SOP package.
Because of the low offset voltage at turn-on, this photorelay is suitable for analog signal switching, eg. micro signal scan circuit of data acquisition system, subscriber circuit of digital exchange.
This photorelay has higher output current rating than phototransistortype photocoupler; hence, it is suitable for use as On/Off control for high current.

• 6-pin SOP (2.54SOP6): Height = 2.1 mm, pitch = 2.54 mm
• Normally open (1-form-A) device
• Peak off-state voltage: 60 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 400 mA (max)
• On-state resistance: 2 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
                              File No.E67349




Similar Part No. - TLP192A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP192A TOSHIBA-TLP192A Datasheet
183Kb / 7P
Measurement and Control Equipment
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
Measurement and Control Equipment
More results


Similar Description - TLP192A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4172G TOSHIBA-TLP4172G Datasheet
170Kb / 6P
Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
Photocoupler PHOTORELAY
TLP172A TOSHIBA-TLP172A_07 Datasheet
185Kb / 7P
Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
Photocoupler Photorelay
TLP174G TOSHIBA-TLP174G_07 Datasheet
178Kb / 6P
Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
Photocoupler Photorelay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com