Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFH28N50 Datasheet (PDF) - IXYS Corporation

IXFH28N50 Datasheet PDF - IXYS Corporation
Part # IXFH28N50
Download  IXFH28N50 Download
File Size   104.29 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerRF Power MOSFETs F-Class: MegaHertz Switching

IXFH28N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXFH28N50 Datasheet PDF - IXYS Corporation

Part # IXFH28N50
Download  IXFH28N50 Click to download

File Size   104.29 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerRF Power MOSFETs F-Class: MegaHertz Switching

IXFH28N50 Datasheet (HTML) - IXYS Corporation


IXFH28N50 Product details

HiPerRFTM Power MOSFETs F-Class: MegaHertz Switching

N-Channel Enhancement Mode
Avalanche Rated, Low Qg, Low Intrinsic Rg
High dV/dt, Low trr

Features
• RF capable MOSFETs
• Double metal process for low gate resistance
• Unclamped Inductive Switching (UIS) rated
• Low package inductance - easy to drive and to protect
• Fast intrinsic rectifier

Applications
• DC-DC converters
• Switched-mode and resonant-mode power supplies, >500kHz switching
• DC choppers
• 13.5 MHz industrial applications
• Pulse generation
• Laser drivers
• RF amplifiers

Advantages
• Space savings
• High power density




Similar Part No. - IXFH28N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH28N50F IXYS-IXFH28N50F Datasheet
112Kb / 2P
HiPerRF Power MOSFETs
logo
Inchange Semiconductor ...
IXFH28N50F ISC-IXFH28N50F Datasheet
337Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH28N50Q IXYS-IXFH28N50Q Datasheet
128Kb / 2P
HiPerFET Power MOSFETs Q-Class
logo
Inchange Semiconductor ...
IXFH28N50Q ISC-IXFH28N50Q Datasheet
337Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IXFH28N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX44N50F IXYS-IXFX44N50F Datasheet
99Kb / 2P
HiPerRF Power MOSFETs F-Class MegaHertz Switching Single MOSFET Die
IXFX21N100F IXYS-IXFX21N100F Datasheet
98Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFR55N50F IXYS-IXFR55N50F Datasheet
499Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFN24N100 IXYS-IXFN24N100 Datasheet
105Kb / 2P
HiPerRF Power MOSFETs
IXFH12N50F IXYS-IXFH12N50F Datasheet
303Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFH21N50F IXYS-IXFH21N50F Datasheet
106Kb / 2P
HiPerRF Power MOSFETs
IXFH60N20F IXYS-IXFH60N20F_08 Datasheet
103Kb / 2P
HiPerRF Power MOSFET F-Class: MegaHertz Switching
IXFK24N100F IXYS-IXFK24N100F Datasheet
161Kb / 4P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFK44N50F IXYS-IXFK44N50F_09 Datasheet
131Kb / 5P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFN24N100F IXYS-IXFN24N100F Datasheet
108Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com