Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1GW Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

US1GW Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # US1GW
Download  US1GW Download
File Size   548.51 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description 1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER

US1GW Datasheet (PDF)

Go To PDF Page Download Datasheet
US1GW Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # US1GW
Download  US1GW Click to download

File Size   548.51 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description 1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER

US1GW Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


US1GW Product details

Features
 • Glass Passivated Die Construction
 • Diffused Junction
 • Ultra-Fast Recovery Time for High Efficiency
 • Low Forward Voltage Drop, High Current Capability, and Low Power Loss
 • Surge Overload Rating to 30A Peak
 • Ideally Suited for Automated Assembly
 • Plastic Material: UL Flammability Classification Rating 94V-0




Similar Part No. - US1GW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1GW PANJIT-US1GW Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
US1GW PANJIT-US1GW Datasheet
97Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US1GW YFWDIODE-US1GW Datasheet
77Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Xian Semipower Electron...
US1GW SEMIPOWER-US1GW Datasheet
153Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
US1GW ZSELEC-US1GW Datasheet
97Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
More results


Similar Description - US1GW

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 11
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev erse
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com