Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5M5256DFP Datasheet (PDF) - Renesas Technology Corp

M5M5256DFP Datasheet PDF - Renesas Technology Corp
Part # M5M5256DFP
Download  M5M5256DFP Download
File Size   160.95 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM

M5M5256DFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M5256DFP Datasheet PDF - Renesas Technology Corp

Part # M5M5256DFP
Download  M5M5256DFP Click to download

File Size   160.95 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM

M5M5256DFP Datasheet (HTML) - Renesas Technology Corp


M5M5256DFP Product details

DESCRIPTION
The M5M5256DFP,VP is 262,144-bit CMOS static RAMs organized as 32,768-words by 8-bits which is f abricated using high-perf ormance 3 poly silicon CMOS technology . The use of resistiv e load NMOS cells and CMOS periphery results in a high density and low power static RAM. Stand-by current is small enough f or battery back-up application. It is ideal f or the memory sy stems which require simple interf ace.
Especially the M5M5256DVP are packaged in a 28-pin thin small outline package.

FEATURE
• Single +5V power supply
• No clocks, no ref resh
• Data-Hold on +2.0V power supply
• Directly TTL compatible : all inputs and outputs
• Three-state outputs : OR-tie capability
• /OE prev ents data contention in the I/O bus
• Common Data I/O
• Battery backup capability
• Low stand-by current .......... 0.05µA(ty p.)

APPLICATION
   Small capacity memory units




Similar Part No. - M5M5256DFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VXL MITSUBISHI-M5M5256DFP-10VXL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VXL-I MITSUBISHI-M5M5256DFP-10VXL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Similar Description - M5M5256DFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com