Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653ASTZRL Datasheet (PDF) - Analog Devices

AD7653ASTZRL Datasheet PDF - Analog Devices
Part # AD7653ASTZRL
Download  AD7653ASTZRL Download
File Size   786.47 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 1 MSPS PulSAR Unipolar ADC with Reference

AD7653ASTZRL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7653ASTZRL Datasheet PDF - Analog Devices

Part # AD7653ASTZRL
Download  AD7653ASTZRL Click to download

File Size   786.47 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 1 MSPS PulSAR Unipolar ADC with Reference

AD7653ASTZRL Datasheet (HTML) - Analog Devices


AD7653ASTZRL Product details

GENERAL DESCRIPTION
The AD7653 is a 16-bit, 1 MSPS, charge redistribution SAR analog-to-digital converter that operates from a single 5 V power supply. The part contains a high speed 16-bit sampling ADC, internal conversion clock, internal reference, error correction circuits, and both serial and parallel system interface ports. It features a very high sampling rate mode (Warp), a fast mode (Normal) for asynchronous conversion rate applications, and a reduced power mode (Impulse) for low power applications where power is scaled with the throughput. The AD7653 is fabricated using Analog Devices’ high performance, 0.6 micron CMOS process, with correspondingly low cost. It is available in a 48-lead LQFP and a tiny 48-lead LFCSP with operation specified from –40°C to +85°C.

FEATURES
   Throughput:
      1 MSPS (Warp mode)
      800 kSPS (Normal mode)
      666 kSPS (Impulse mode)
   16-bit resolution
   Analog input voltage range: 0 V to 2.5 V
   No pipeline delay
   Parallel and serial 5 V/3 V interface
   SPI®/QSPI™/MICROWIRE™/DSP compatible
   Single 5 V supply operation
   Power dissipation
      92 mW typ @ 666 kSPS, 138 μW @ 1 kSPS without REF
      128 mW typ @ 1 MSPS with REF
   48-lead LQFP and 48-lead LFCSP packages
   Pin-to-pin compatible with PulSAR ADCs
  
APPLICATIONS
   Data acquisition
   Instrumentation
   Digital signal processing
   Spectrum analysis
   Medical instruments
   Battery-powered systems
   Process control




Similar Part No. - AD7653ASTZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7653 AD-AD7653 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7653 AD-AD7653 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7653 AD-AD7653 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7653 AD-AD7653 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7653 AD-AD7653 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Similar Description - AD7653ASTZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7653 AD-AD7653_15 Datasheet
809Kb / 28P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
REV. A
AD7951 AD-AD7951 Datasheet
761Kb / 33P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7667 AD-AD7667_17 Datasheet
558Kb / 29P
16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
Initial Version.
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
0
AD7652 AD-AD7652 Datasheet
790Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7661 AD-AD7661 Datasheet
485Kb / 29P
16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
0
AD7666 AD-AD7666 Datasheet
560Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com