Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7678 Datasheet (PDF) - Analog Devices

AD7678 Datasheet PDF - Analog Devices
Part # AD7678
Download  AD7678 Download
File Size   437.38 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC

AD7678 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7678 Datasheet PDF - Analog Devices

Part # AD7678
Download  AD7678 Click to download

File Size   437.38 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC

AD7678 Datasheet (HTML) - Analog Devices


AD7678 Product details

GENERAL DESCRIPTION

The AD7665 is a 16-bit, 570 kSPS, charge redistribution SAR, analog-to-digital converter that operates from a single 5 V power supply. It contains a high speed 16-bit sampling ADC, a resistor input scaler that allows various input ranges, an internal conversion clock, error correction circuits, and both serial and parallel system interface ports.



FEATURES

  Throughput

     570 kSPS (Warp Mode)

     500 kSPS (Normal Mode)

  INL: ±2.5 LSB Max (±0.0038% of Full Scale)

  16-Bit Resolution with No Missing Codes

  S/(N+D): 90 dB Typ @ 180 kHz

  THD: –100 dB Typ @ 180 kHz

  Analog Input Voltage Ranges

     Bipolar: ±10 V, ±5 V, ±2.5 V

     Unipolar: 0 V to 10 V, 0 V to 5 V, 0 V to 2.5 V

  Both AC and DC Specifications

  No Pipeline Delay

  Parallel (8/16 Bits) and Serial 5 V/3 V Interface

  SPI®/QSPI™/MICROWIRE™/DSP Compatible

  Single 5 V Supply Operation

  Power Dissipation

     64 mW Typical

     15 μW @ 100 SPS

  Power-Down Mode: 7 μW Max

  Package: 48-Lead Quad Flatpack (LQFP)

  Package: 48-Lead Chip Scale (LFCSP)

  Pin-to-Pin Compatible Upgrade of the AD7664/AD7663



APPLICATIONS

  Data Acquisition

  Communication

  Instrumentation

  Spectrum Analysis

  Medical Instruments

  Process Control



 




Similar Part No. - AD7678

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7678 AD-AD7678 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7678 AD-AD7678 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7678 AD-AD7678 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7678 AD-AD7678 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7678 AD-AD7678 Datasheet
548Kb / 28P
16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
More results


Similar Description - AD7678

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7674 AD-AD7674 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7679 AD-AD7679 Datasheet
556Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7679ASTZ AD-AD7679ASTZ Datasheet
620Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
A
AD7674 AD-AD7674_17 Datasheet
587Kb / 29P
18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com