Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1820 Datasheet (PDF) - Maxim Integrated Products

MAX1820 Datasheet PDF - Maxim Integrated Products
Part # MAX1820
Download  MAX1820 Download
File Size   131.77 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX1820 Evaluation Kit

MAX1820 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1820 Datasheet PDF - Maxim Integrated Products

Part # MAX1820
Download  MAX1820 Click to download

File Size   131.77 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description MAX1820 Evaluation Kit

MAX1820 Datasheet (HTML) - Maxim Integrated Products


MAX1820 Product details

General Description
The MAX1820/MAX1821 low-dropout, pulse-width-modulated (PWM) DC-DC buck regulators are optimized to provide power to the power amplifier (PA) in WCDMA cell phones; however, they may be applied in many other applications where high efficiency is a priority. The supply voltage range is from 2.6V to 5.5V, and the guaranteed output current is 600mA; 1MHz PWM switching allows for small external components, while skip mode reduces quiescent current to 180µA with light loads.

Features
♦ Dynamically Adjustable Output from 0.4V to 3.4V (MAX1820)
♦ Programmable Output from 1.25V to 5.5V (MAX1821)
♦ SYNC to 13MHz External Clock (MAX1820X)
♦ SYNC to 19.8MHz External Clock (MAX1820Y)
♦ NO SYNC, Internal 1MHz Oscillator (MAX1820Z)
♦ Low Quiescent Current
    180µA (typ) in Skip Mode
    0.1µA (typ) in Shutdown Mode
♦ No External Schottky Diode Required
♦ 600mA Guaranteed Output Current
♦ 0% to 100% Duty-Cycle Operation
♦ 150mV Dropout at 600mA Load (Including RDC of External Inductor)
♦ µMAX or UCSP Packaging

Applications
    WCDMA Cell Phone Power Amplifiers
    PDA, Palmtop, and Notebook Computers
    Microprocessor Core Supplies
    Digital Cameras
    PCMCIA and Network Cards
    Hand-Held Instruments




Similar Part No. - MAX1820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX1820ZEUB ETC-MAX1820ZEUB Datasheet
141Kb / 8P
PLASTIC ENCAPSULATED DEVICES
More results


Similar Description - MAX1820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com