Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F264B Datasheet (PDF) - fujitsu semiconductor

MB91F264B Datasheet PDF - fujitsu semiconductor
Part # MB91F264B
Download  MB91F264B Download
File Size   720.18 Kbytes
Page   60 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Proprietary Microcontroller CMOS

MB91F264B Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91F264B Datasheet PDF - fujitsu semiconductor

Part # MB91F264B
Download  MB91F264B Click to download

File Size   720.18 Kbytes
Page   60 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Proprietary Microcontroller CMOS

MB91F264B Datasheet (HTML) - fujitsu semiconductor


MB91F264B Product details

■ DESCRIPTION
The MB91260B series is a 32-bit RISC microcontroller designed by Fujitsu for embedded control applications which require high-speed processing.
The CPU is used the FR family and the compatibility of FR60Lite.

■ FEATURES
• FR60Lite CPU
    • 32-bit RISC, load/store architecture with a five-stage pipeline
    • Maximum operating frequency : 33 MHz (oscillation frequency 4.192 MHz, oscillation frequency 8-multiplier (PLL clock multiplication method)
    • 16-bit fixed length instructions (basic instructions)
    • Execution speed of instructions : 1 instruction per cycle
    • Memory-to-memory transfer, bit handling, barrel shift instructions, etc : Instructions suitable for embedded applications
    • Function entry/exit instructions, multiple-register load/store instructions : Instructions adapted for C-language
    • Register interlock function : Facilitates coding in assembler.
    • Built-in multiplier with instruction-level support
        • 32 bit multiplication with sign : 5 cycles
        • 16 bit multiplication with sign : 3 cycles
    • Interrupt (PC, PS save) : 6 cycles, 16 priority levels
    • Harvard architecture allowing program access and data access to be executed simultaneously
    • FR family instruction compatible

• Internal peripheral functions
    • Capacity of internal ROM and ROM type
        MASK ROM : 128 KB (MB91263B)
        FLASH ROM : 256 KB (MB91F264B)
    • Capacity of internal RAM : 8 KB
    • A/D converter (sequential comparison type)
    • Resolution : 10 bits : 2 ch × 2 units, 8 ch × 1 unit
    • Conversion time : 1.2 µs (Minimum conversion time system clock at 33 MHz)
        1.35 µs (Minimum conversion time system clock at 20 MHz)
    • External interrupt input : 10 ch
    • Bit search module (for REALOS)
        Function for searching the MSB in each word for the first 1-to-0 inverted bit position
    • UART (Full-duplex double buffer) : 3 ch
        Selectable parity On/Off
        Asynchronous (start-stop synchronized) or clock-synchronous communications selectable
        Internal timer for dedicated baud rate (U-Timer) on each channel
        External clock can be used as transfer clock
        Error detection function for parity, frame and overrun errors
    • 8/16-bit PPG timer : 16 ch (at 8-bit) / 8 ch (at 16-bit)
    • Reload timer : 3 ch (with cascade mode, without output of reload timer 0)
    • Free-run timer : 1 ch
    • PWC timer : 2 ch
    • Input capture : 4 ch (interface with free-run timer)
    • Output compare : 6 ch (interface with free-run timer)
    • Waveform generator
        Various waveforms which are generated by using output compare, 16-bit PPG timer 0 and 16-bit dead timer
    • SUM of products macro (simple DSP)
        RAM : instruction RAM 256 × 16-bit
        XRAM 64 × 16-bit
        YRAM 64 × 16-bit
        Execution of 1 cycle product addition (16-bit × 16-bit + 40 bits)
        Operation results are extracted rounded from 40 to 16 bits
    • DMAC (DMA Controller) : 5 ch
        Operation of transfer and activation by internal peripheral interrupts and software
    • Watchdog timer
    • Low Power Consumption Mode
        Sleep/stop function
    • Package : QFP-100, LQFP-100
    • Technology : CMOS 0.35 µm
    • Power supply : 1-power supply [Vcc = 4.0 V to 5.5 V]




Similar Part No. - MB91F264B

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F267 FUJITSU-MB91F267 Datasheet
549Kb / 54P
32-bit Proprietary Microcontroller
MB91F267A FUJITSU-MB91F267A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
MB91F267APMC-G FUJITSU-MB91F267APMC-G Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
MB91F267APMC-GE1 FUJITSU-MB91F267APMC-GE1 Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
MB91F267APMC-GS FUJITSU-MB91F267APMC-GS Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
More results


Similar Description - MB91F264B

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F312A FUJITSU-MB91F312A Datasheet
599Kb / 59P
Proprietary 32-bit Microcontroller CMOS
MB91350A FUJITSU-MB91350A Datasheet
1Mb / 111P
32-Bit Proprietary Microcontroller
MB91191 FUJITSU-MB91191 Datasheet
435Kb / 33P
32-bit Proprietary Microcontroller
MB89190 FUJITSU-MB89190 Datasheet
399Kb / 41P
8-bit Proprietary Microcontroller CMOS
MB91265 FUJITSU-MB91265 Datasheet
549Kb / 54P
32-bit Proprietary Microcontroller
logo
Fuji Electric
MB91301 FUJI-MB91301 Datasheet
1Mb / 135P
32-Bit Proprietary Microcontroller
logo
fujitsu semiconductor
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB91310 FUJITSU-MB91310 Datasheet
551Kb / 59P
Proprietary 32-bit Microcontroller
MB91210 FUJITSU-MB91210 Datasheet
939Kb / 68P
32-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com