Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90F438LPF Datasheet (PDF) - fujitsu semiconductor

MB90F438LPF Datasheet PDF - fujitsu semiconductor
Part # MB90F438LPF
Download  MB90F438LPF Download
File Size   629.88 Kbytes
Page   58 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90F438LPF Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90F438LPF Datasheet PDF - fujitsu semiconductor

Part # MB90F438LPF
Download  MB90F438LPF Click to download

File Size   629.88 Kbytes
Page   58 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Proprietary Microcontroller

MB90F438LPF Datasheet (HTML) - fujitsu semiconductor


MB90F438LPF Product details

■ DESCRIPTION
The MB90435 series with FLASH ROM is specially designed for industrial applications.
The instruction set by F2MC-16LX CPU core inherits an AT architecture of the F2MC* family with additional instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division instruc tions, and enhanced bit manipulation instructions.The micro controller has a 32-bit accumulator for processing long word data.
The MB90435 series has peripheral resources of 8/10-bit A/D converters, UART (SCI) , extended I/O serial interfaces, 8/16-bit timer, I/O timer (input capture (ICU) , output compare (OCU) ) .

■ FEATURES
• Clock
   Embedded PLL clock multiplication circuit
   Operating clock (PLL clock) can be selected from :
      divided-by-2 of oscillation or one to four times the oscillation
   Minimum instruction execution time : 62.5 ns
      (operation at oscillation of 4 MHz, four times the oscillation clock, VCC of 5.0 V)
   Subsystem Clock : 32 kHz
• Instruction set to optimize controller applications
   Rich data types (bit, byte, word, long word)
   Rich addressing mode (23 types)
   Enhanced signed multiplication/division instruction and RETI
      instruction functions
   Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C language)
   and multi-task operations
   Adoption of system stack pointer
   Enhanced pointer indirect instructions
   Barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed : 4-byte Instruction queue
• Enhanced interrupt function : 8 levels, 34 factors
• Automatic data transmission function independent of CPU operation
   Extended intelligent I/O service function (EI2OS)
• Embedded ROM size and types
   Mask ROM : 64 Kbytes / 128 Kbytes / 256 Kbytes
   Flash ROM : 128 Kbytes/256 Kbytes
   Embedded RAM size : 2 Kbytes/4 Kbytes/6 Kbytes/8 Kbytes (evaluation chip)
• Flash ROM
   Supports automatic programming, Embedded Algorithm TM*
   Write/Erase/Erase-Suspend/Resume commands
   A flag indicating completion of the algorithm
   Hard-wired reset vector available in order to point to a
      fixed boot sector in Flash Memory
   Erase can be performed on each block
   Block protection with external programming voltage
• Low-power consumption (stand-by) mode
   Sleep mode (mode in which CPU operating clock is stopped)
   Stop mode (mode in which oscillation is stopped)
   CPU intermittent operation mode
   Clock mode
   Hardware stand-by mode
• Process
   0.5 µm CMOS technology
• I/O port
   General-purpose I/O ports : 81 ports
• Timer
   Watchdog timer : 1 channel
   8/16-bit PPG timer : 8/16-bit × 4 channels
   16-bit re-load timer : 2 channels
• 16-bit I/O timer
   16-bit free-run timer : 1 channel
   Input capture : 8 channels
   Output compare : 4 channels
• Extended I/O serial interface : 1 channel
• UART 0
   With full-duplex double buffer (8-bit length)
   Clock asynchronized or clock synchronized
      (with start/stop bit) transmission can be selectively used.
• UART 1
   With full-duplex double buffer (8-bit length)
   Clock asynchronized or clock synchronized serial
      (extended I/O serial) can be used.
• External interrupt circuit (8 channels)
   A module for starting an extended intelligent I/O service (EI2OS)
   and generating an external interrupt which
   is triggered by an external input.
• Delayed interrupt generation module
   Generates an interrupt request for switching tasks.
• 8/10-bit A/D converter (8 channels)
   8/10-bit resolution can be selectively used.
   Starting by an external trigger input.
   Conversion time : 26.3 µs
• External bus interface : Maximum address space 16 Mbytes
• Package: QFP-100, LQFP-100




Similar Part No. - MB90F438LPF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90F438LPF FUJITSU-MB90F438LPF Datasheet
1Mb / 60P
16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90F438LPF CYPRESS-MB90F438LPF Datasheet
704Kb / 61P
16-bit Proprietary Microcontroller
More results


Similar Description - MB90F438LPF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
MB90F378 FUJITSU-MB90F378 Datasheet
480Kb / 65P
16-BIT PROPRIETARY MICROCONTROLLER
MB90980 FUJITSU-MB90980 Datasheet
583Kb / 48P
16-bit Proprietary Microcontroller
MB90880 FUJITSU-MB90880 Datasheet
1Mb / 75P
16-Bit Proprietary Microcontroller
MB90860E FUJITSU-MB90860E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com