Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX5093XOC Datasheet (PDF) - LUMEX INC.

SSL-LX5093XOC Datasheet PDF - LUMEX INC.
Part # SSL-LX5093XOC
Download  SSL-LX5093XOC Download
File Size   54.19 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-5mm 610mm SUPER ORANGE LEd

SSL-LX5093XOC Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX5093XOC Datasheet PDF - LUMEX INC.

Part # SSL-LX5093XOC
Download  SSL-LX5093XOC Click to download

File Size   54.19 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-5mm 610mm SUPER ORANGE LEd

SSL-LX5093XOC Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX5093XOC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5093XAC LUMEX-SSL-LX5093XAC Datasheet
53Kb / 1P
T-5mm 610mm AMBER, TAPERED LED
SSL-LX5093XGC LUMEX-SSL-LX5093XGC Datasheet
53Kb / 1P
T-5mm, 565nm green, tapered led, waterclear lens
SSL-LX5093XIC LUMEX-SSL-LX5093XIC Datasheet
53Kb / 1P
T-5mm 635mm RED, TAPERED LED
SSL-LX5093XPGC LUMEX-SSL-LX5093XPGC Datasheet
53Kb / 1P
T-5mm 562mm SUPER PURE GREEN LED
SSL-LX5093XRC LUMEX-SSL-LX5093XRC Datasheet
53Kb / 1P
T-5mm 660mm SUPER RED LED
More results


Similar Description - SSL-LX5093XOC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5063SOD LUMEX-SSL-LX5063SOD Datasheet
52Kb / 1P
T-5mm 610mm SUPER ORANGE LED
SSL-LX5093SOC LUMEX-SSL-LX5093SOC Datasheet
69Kb / 1P
QUASARBRITE T-5mm 610mm SUPER HIGH INTENSITY ORANGE LED
SSL-LX5093SOSOD LUMEX-SSL-LX5093SOSOD Datasheet
67Kb / 1P
QUASARBRITE T-5mm 610mm SUPER ORANGE LED
SSL-LX5099SOPGW LUMEX-SSL-LX5099SOPGW Datasheet
129Kb / 1P
T-5mm 3 LEDEADE BICOLOR LED, 610mm SUPER ORANGE
SSL-LX50FT3SOD LUMEX-SSL-LX50FT3SOD Datasheet
51Kb / 1P
T-5mm 610mm SUPER ORANGE
SSL-LX509F3SOD LUMEX-SSL-LX509F3SOD Datasheet
51Kb / 1P
T-5mm 610mm SUPER ORANGE LED
SSI-LXR3816SOCB6WR LUMEX-SSI-LXR3816SOCB6WR Datasheet
78Kb / 1P
T-5mm 610mm SUPER ORANGE LED PANEL INDICATOR
SSI-LXR3816SOC-B15 LUMEX-SSI-LXR3816SOC-B15 Datasheet
101Kb / 1P
T-5mm 610mm SUPER ORANGE LED PANEL INDICATOR
SSI-LXR3816SOD LUMEX-SSI-LXR3816SOD Datasheet
113Kb / 1P
T-5mm 610mm SUPER ORANGE LED PANEL INDICATOR
SSI-LXR3816SOD-150 LUMEX-SSI-LXR3816SOD-150 Datasheet
61Kb / 1P
T-5mm 610mm SUPER ORANGE LED PANEL INDICATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com