Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3838BMM Datasheet (PDF) - Micrel Semiconductor

MIC3838BMM Datasheet PDF - Micrel Semiconductor
Part # MIC3838BMM
Download  MIC3838BMM Download
File Size   341.98 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Flexible Push-Pull PWM Controller

MIC3838BMM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3838BMM Datasheet PDF - Micrel Semiconductor

Part # MIC3838BMM
Download  MIC3838BMM Click to download

File Size   341.98 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Flexible Push-Pull PWM Controller

MIC3838BMM Datasheet (HTML) - Micrel Semiconductor


MIC3838BMM Product details

General Description
The MIC3838 and MIC3839 are a family of complementary output push-pull PWM control ICs that feature high speed and low power consumption. The MIC3838/9 are ideal for telecom level (36V to 75V) isolated step down dc/dc conversion applications where high output current, small size, and high efficiency are required.

Features
• Dual output drive stages in push-pull configuration
• Configurable for current-mode or voltage-mode control
• Easily implements volt-second clamp
• Leading edge current-sense blanking
• 3V reference output available
• 130µA typical start-up current
• 1mA typical run current
• Operation to 1MHz
• On-chip error amplifier with 4MHz gain bandwidth product
• Internal soft start
• On-chip VDD clamping
• Output drive stages capable of 500mA peak source current, 1A peak sink current

Applications
• High efficiency “brick” power supply modules
    • Half bridge converters
    • Full bridge converters
    • Push-pull converters
    • Voltage-fed push-pull converters
• Telecom equipment and power supplies
• Industrial power supplies
• 42V automotive power supplies
• Base stations
• Networking power supplies




Similar Part No. - MIC3838BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3838BMM MICREL-MIC3838BMM Datasheet
196Kb / 11P
Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838BMM MIC-MIC3838BMM Datasheet
197Kb / 11P
Flexible Push-Pull PWM Controller
More results


Similar Description - MIC3838BMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
100V Push-Pull Voltage Mode PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
Flexible Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
Push-Pull PWM Controller
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
Flexible Push-Pull PWM Controller
logo
Texas Instruments
LM5033 TI1-LM5033_14 Datasheet
1Mb / 23P
100V Push-Pull Voltage Mode PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
Push-Pull PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com