Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90255K Datasheet (PDF) - List of Unclassifed Manufacturers

MLX90255K Datasheet PDF - List of Unclassifed Manufacturers
Part # MLX90255K
Download  MLX90255K Download
File Size   544.16 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Linear Optical Array

MLX90255K Datasheet (PDF)

Go To PDF Page Download Datasheet
MLX90255K Datasheet PDF - List of Unclassifed Manufacturers

Part # MLX90255K
Download  MLX90255K Click to download

File Size   544.16 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Linear Optical Array

MLX90255K Datasheet (HTML) - List of Unclassifed Manufacturers


MLX90255K Product details

[Melexis]



Description

The MLX90255BA linear sensor array consists of a 128 x 1 array of photodiodes, associated charge amplifier circuitry and a pixel data-hold function that provides simultaneous-integration start and stop times for all pixels. The pixels measure 200µm (H) by 66 µm (W) and 8 µm spacing between pixels. Operation is simplified by internal control logic that requires only a serial-input (SI) signal and a clock.



Features and Benefits

  128 x 1 Sensor-Element Organization (1 Not Connected, 1 dummy, 128 real, 1 dummy and 1 Dark Pixel)

  385 Dots-Per-Inch (DPI) Sensor Pitch

  High Linearity and Uniformity for 256 Gray-Scale (8-Bit) Applications

  High Sensitivity: 1.7V @ 10µW/cm² @ 0.7ms integration time

  Special Gain Compensation for use with single LED light source

  Output Referenced to Ground

  Low Image Lag

  Single 5V Supply

  Replacement for Texas Instruments TSL1301 & TSL1401 and MLX90255AA

  Operation to 1MHz



Applications

  Position Sensing

  Electrical Power Assist Steering (EPAS)

  Spectrometer Applications



 




Similar Part No. - MLX90255K

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90255KUC-BAM MELEXIS-MLX90255KUC-BAM Datasheet
423Kb / 12P
Linear Optical Array
MLX90255KUC-BAV MELEXIS-MLX90255KUC-BAV Datasheet
423Kb / 12P
Linear Optical Array
MLX90255KUC-BCR MELEXIS-MLX90255KUC-BCR Datasheet
394Kb / 12P
Linear Optical Array
MLX90255KUC-BCV MELEXIS-MLX90255KUC-BCV Datasheet
394Kb / 12P
Linear Optical Array
MLX90255KWB-BAM MELEXIS-MLX90255KWB-BAM Datasheet
423Kb / 12P
Linear Optical Array
More results


Similar Description - MLX90255K

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR5011 OPTEK-OPR5011 Datasheet
76Kb / 2P
Optical Comparator Array
OPR5011 OPTEK-OPR5011_07 Datasheet
148Kb / 3P
Optical Comparator Array
OPR5010 OPTEK-OPR5010 Datasheet
425Kb / 2P
Optical Comparator Array
logo
Melexis Microelectronic...
MLX90255-BA MELEXIS-MLX90255-BA Datasheet
423Kb / 12P
Linear Optical Array
MLX90255-BC MELEXIS-MLX90255-BC Datasheet
394Kb / 12P
Linear Optical Array
MLX90255 MELEXIS-MLX90255 Datasheet
127Kb / 5P
Linear Optical Array
logo
ams AG
TSL3301 AMSCO-TSL3301 Datasheet
670Kb / 21P
102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
logo
Melexis Microelectronic...
MLX90255BC MELEXIS-MLX90255BC Datasheet
652Kb / 13P
Linear Optical Array
logo
TT Electronics.
OPR5011 TTELEC-OPR5011 Datasheet
775Kb / 3P
Optical Comparator Array
logo
Melexis Microelectronic...
MLX75306 MELEXIS-MLX75306 Datasheet
613Kb / 27P
3rd Generation Linear Optical Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com