Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7012AY-E Datasheet (PDF) - STMicroelectronics

VND7012AY-E Datasheet PDF - STMicroelectronics
Part # VND7012AY-E
Download  VND7012AY-E Download
File Size   1603.56 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double channel high-side driver with MultiSense analog feedback for automotive applications

VND7012AY-E Datasheet (PDF)

Go To PDF Page Download Datasheet
VND7012AY-E Datasheet PDF - STMicroelectronics

Part # VND7012AY-E
Download  VND7012AY-E Click to download

File Size   1603.56 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double channel high-side driver with MultiSense analog feedback for automotive applications

VND7012AY-E Datasheet (HTML) - STMicroelectronics


VND7012AY-E Product details

Description
The VND7012AY-E is a double channel high-side driver manufactured using ST proprietary VIPower® M0-7 technology and housed in PowerSSO-36 package. The device is designed to drive 12 V automotive grounded loads through a 3 V and 5 V CMOS-compatible interface, providing protection and diagnostics. The device integrates advanced protective functions such as load current limitation, overload active management by power limitation and overtemperature shutdown with configurable latch-off. A FaultRST pin unlatches the output in case of fault or disables the latch-off functionality. A dedicated multifunction multiplexed analog output pin delivers sophisticated diagnostic functions including high precision proportional load current sense, supply voltage feedback and chip temperature sense, in addition to the detection of overload and short circuit to ground, short to VCC and off-state open-load. A sense enable pin allows off-state diagnosis to be disabled during the module low-power mode as well as external sense resistor sharing among similar devices. Max transient supply voltage VCC 41 V Operating voltage range VCC 4 to 28 V Typ. on-state resistance (per Ch) RON 12 mΩ Current limitation (typ) ILIMH 75 A Standby current (max) ISTBY 0.5 µA *$3*&)7 PowerSSO-36

Features
■ General – Double channel smart high side driver with MultiSense analog feedback – Very low standby current – Compatible with 3 V and 5 V CMOS outputs
■ MultiSense diagnostic functions – Multiplexed analog feedback of: load current with high precision proportional current mirror, VCC supply voltage and TCHIP device temperature – Overload and short to ground (power limitation) indication –

Applications
■ All types of Automotive resistive, inductive and capacitive loads
■ Specially intended for Automotive Turn Indicators (up to 3 x P27W or SAE1156 and 2 x R5W paralleled or Automotive Headlamps)




Similar Part No. - VND7012AY-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
More results


Similar Description - VND7012AY-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7010AJ STMICROELECTRONICS-VN7010AJ Datasheet
1Mb / 45P
High-side driver with MultiSense analog feedback for automotive applications
19-May-2015
VND7030AJ STMICROELECTRONICS-VND7030AJ Datasheet
1Mb / 46P
Double channel high-side driver with MultiSense analog feedback for automotive applications
25-May-2015
VN7020AJ STMICROELECTRONICS-VN7020AJ Datasheet
7Mb / 46P
High-side driver with MultiSense analog feedback for automotive applications
02-Oct-2016
VN7140AJ STMICROELECTRONICS-VN7140AJ Datasheet
2Mb / 55P
High-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
VND7004AY STMICROELECTRONICS-VND7004AY Datasheet
2Mb / 47P
Double channel high-side driver with MultiSense analog feedback for automotive applications
02-Nov-2016
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
Double channel high-side driver with MultiSense analog feedback for automotive applications
13-Oct-2016
VND7012AY STMICROELECTRONICS-VND7012AY Datasheet
2Mb / 45P
Double channel high-side driver with MultiSense analog feedback for automotive applications
July 2016 Rev 4
VND7020AJ-E STMICROELECTRONICS-VND7020AJ-E Datasheet
1Mb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 10
VND7040AJ-E STMICROELECTRONICS-VND7040AJ-E Datasheet
1,009Kb / 48P
Double channel high-side driver with MultiSense analog feedback for automotive applications
October 2014 Rev 9
VN7000AY STMICROELECTRONICS-VN7000AY Datasheet
3Mb / 48P
High-side driver with MultiSense analog feedback for automotive applications
01-Aug-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com