Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC180 Datasheet (PDF) - Motorola, Inc

MPC180 Datasheet PDF - Motorola, Inc
Part # MPC180
Download  MPC180 Download
File Size   30.65 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MPC180 Security Processor

MPC180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC180 Datasheet PDF - Motorola, Inc

Part # MPC180
Download  MPC180 Click to download

File Size   30.65 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MPC180 Security Processor

MPC180 Datasheet (HTML) - Motorola, Inc


MPC180 Product details

1 Development History
The MPC180 is the first in the Smart Networks platform’s S1 family of security processors developed for the commercial networking market. It is derived from security technologies Motorola has developed over the past 30 years, primarily for government applications. The third-generation execution units (EUs) in the MPC180 have been previously used in products for wireless base stations and secure wire-line communication.

2 Typical Applications
The MPC180 is suited for applications such as the following:
• SOHO and low-end routers
• xDSL access equipment
• ISDN access equipment
• Wireless base stations
• Broadband access
• WAP gateways
• DSLAMS
• Customer premise equipment (CPE)

3 Features
The MPC180 is a flexible and powerful addition to any networking system currently using Motorola’s MPC8xx or MPC826x family of PowerQUICC™ communication processors. The MPC180 is designed to off-load computationally intensive security functions such as key generation and exchange, authentication, and bulk data encryption. The MPC180 is optimized to process all of the algorithms associated with IPSec, IKE, WTLS/WAP and SSL/TLS. In addition, the MPC180 is the only security processor on the market capable of executing the elliptic curve cryptography that is especially important for secure wireless communications.
MPC180 features include the following:

• Public key execution unit (PKEU), which supports the following:
— RSA and Diffie-Hellman
– Programmable field size 80- to 2048-bits
– 1024-bit signature time of 32ms
– 10 IKE handshakes/second
— Elliptic Curve operations in either F 2 m or F p
– Programmable field size from 55- to 511-bits
– 155-bit signature time of 11ms
– 30 IKE handshakes/second
• Data encryption standard execution units (DEUs)
— DES and 3DES algorithm acceleration
– Two key (K1, K2, K1) or Three key (K1, K2, K3)
— ECB and CBC modes for both DES and 3DES
— 15 Mbps 3DES-HMAC-SHA-1 (memory to memory)
• Message authentication unit (MAU)
— SHA-1 with 160-bit message digest
— MD5 with 128-bit message digest
— HMAC with either algorithm
• ARC four execution unit (AFEU)
— Implements a stream cipher compatible with the RC4 algorithm
— 40- to 128-bit programmable key
— 20 Mbps ARC Four performance (memory to memory)
• Random Number Generator (RNG)
— Supplies up to 160 bit strings at up to 5 Mbps data rate
• Input Buffer (4kbits)
• Output Buffer (4kbits)
• Glueless interface to MPC8xx system or MPC826x local bus (50MHz and 66MHz operation)
• DMA hardware handshaking signals for use with the MPC826x
• 1.8v Vdd, 3.3v I/O
• 100pin LQFP package
• HIP4 0.25mm process




Similar Part No. - MPC180

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC185 MOTOROLA-MPC185 Datasheet
227Kb / 12P
Security Processor
MPC185TD MOTOROLA-MPC185TD Datasheet
227Kb / 12P
Security Processor
MPC185TS MOTOROLA-MPC185TS Datasheet
227Kb / 12P
Security Processor
logo
NXP Semiconductors
MPC18730 NXP-MPC18730 Datasheet
1Mb / 35P
Power Management IC with Five Regulated Outputs
Rev. 4.0, 8/2006
logo
Freescale Semiconductor...
MPC18730EP FREESCALE-MPC18730EP Datasheet
974Kb / 35P
Power Management IC with Five Regulated Outputs Programmed Through 3 Wire Serial Interface
More results


Similar Description - MPC180

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
SECURITY PROCESSOR
logo
Motorola, Inc
MPC185 MOTOROLA-MPC185 Datasheet
227Kb / 12P
Security Processor
logo
Freescale Semiconductor...
MSC8154E FREESCALE-MSC8154E Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8156E FREESCALE-MSC8156E Datasheet
910Kb / 68P
Six-Core Digital Signal Processor with Security
MSC8154E FREESCALE-MSC8154E_11 Datasheet
889Kb / 68P
Quad-Core Digital Signal Processor with Security
logo
Broadcom Corporation.
BCM5802 BOARDCOM-BCM5802 Datasheet
594Kb / 50P
Single-Chip Security Processor
BCM5812 BOARDCOM-BCM5812 Datasheet
943Kb / 84P
Security Processor
logo
Silicom Ltd.
PE2S8C62G SILICOM-PE2S8C62G Datasheet
353Kb / 4P
Security Protocol Processor PCI Express Server Adapter
PE2SFC293 SILICOM-PE2SFC293 Datasheet
354Kb / 4P
Security Protocol Processor PCI Express Server Adapter
PESC62 SILICOM-PESC62 Datasheet
340Kb / 4P
Security Protocol Processor PCI Express Server Adapter
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com