Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4239 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE4239 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE4239
Download  PE4239 Download
File Size   355.11 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal

PE4239 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4239 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE4239
Download  PE4239 Click to download

File Size   355.11 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal

PE4239 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE4239 Product details

Description
Pasternack’s PE4239 SHV jack bulkhead mount connector solder attachment solder cup terminal, .350 inch D hole is part of our full line of RF components available for same-day shipping. Our SHV jack connector operates up to a maximum frequency of 300 MHz and offers good VSWR of 1.3:1. This SHV bulkhead connector allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Features
• Max. Operating Frequency 300 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating

Applications
• General Purpose Test
• Rack and Panel Mount Applications

Configuration
• SHV Jack Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead




Similar Part No. - PE4239

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239 Datasheet
287Kb / 9P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
SPDT UltraCMOS
PE4239-EK PEREGRINE-PE4239-EK Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
More results


Similar Description - PE4239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4500 PASTERNACK-PE4500 Datasheet
217Kb / 3P
SHV Jack Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4499 PASTERNACK-PE4499 Datasheet
868Kb / 2P
SHV Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4167 PASTERNACK-PE4167_16 Datasheet
341Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4170 PASTERNACK-PE4170_16 Datasheet
348Kb / 3P
SMB Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4171 PASTERNACK-PE4171_16 Datasheet
348Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4173 PASTERNACK-PE4173_16 Datasheet
349Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4315 PASTERNACK-PE4315_16 Datasheet
413Kb / 3P
SHV Jack Bulkhead Mount Connector Clamp/Solder Attachment
PE4499 PASTERNACK-PE4499_16 Datasheet
347Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com