Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ST1G04 Datasheet (PDF) - Pericom Semiconductor Corporation

PI74ST1G04 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74ST1G04
Download  PI74ST1G04 Download
File Size   335.05 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTiny Logic Inverter

PI74ST1G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74ST1G04 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74ST1G04
Download  PI74ST1G04 Click to download

File Size   335.05 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTiny Logic Inverter

PI74ST1G04 Datasheet (HTML) - Pericom Semiconductor Corporation


PI74ST1G04 Product details

Description
The PI74ST1G04 is an inverter that operates over the 1.8V to 3.6V VCC operating range.
Pericoms PI74STseries of products are produced using the Companys advanced submicron technology.

Features
• High-speed: tPD = 1.8ns typical
• Broad operating range: VCC = 1.8V - 3.6V
• Power down high-impedance inputs/outputs
• High output drive: ±24mA at 3V VCC
• Package: 5-pin space saving SOT23 and SC70




Similar Part No. - PI74ST1G04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G00CX PERICOM-PI74ST1G00CX Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G00TX PERICOM-PI74ST1G00TX Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
PI74ST1G02CX PERICOM-PI74ST1G02CX Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
More results


Similar Description - PI74ST1G04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX1G14 PERICOM-PI74STX1G14 Datasheet
159Kb / 5P
SOTiny Gate STX Schmitt-Trigger Inverter
PI74STX2G14 PERICOM-PI74STX2G14 Datasheet
193Kb / 5P
SOTiny??Gate STX Dual Schmitt-Trigger Inverter
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
SOTiny Logic 2-Input NAND Gate
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
SOTiny Logic 2-Input NOR Gate
logo
Torex Semiconductor
XC74WL04AASR TOREX-XC74WL04AASR Datasheet
116Kb / 3P
CMOS Logic Triple Inverter
logo
Pericom Semiconductor C...
PI74ST1G32 PERICOM-PI74ST1G32 Datasheet
266Kb / 4P
SOTiny-TM Logic 2-Input OR Gate
PI74STX1GT04 PERICOM-PI74STX1GT04 Datasheet
154Kb / 4P
SOTiny Gate STX Inverter
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
Inverter / CMOS Logic Level Shifter
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
CMOS LOGIC IC Inverter
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
CMOS LOGIC IC Unbuffer Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com