Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9302F Datasheet (PDF) - Silan Microelectronics Joint-stock

SC9302F Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC9302F
Download  SC9302F Download
File Size   1581.61 Kbytes
Page   39 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 1-MEMORY/2-MEMORY TONE/PULSE DIALER

SC9302F Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9302F Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC9302F
Download  SC9302F Click to download

File Size   1581.61 Kbytes
Page   39 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 1-MEMORY/2-MEMORY TONE/PULSE DIALER

SC9302F Datasheet (HTML) - Silan Microelectronics Joint-stock


SC9302F Product details

DESCRIPTION
The SC9302 series tone/pulse dialers are CMOS LSIs for the telecommunication system. They are designed to meet various dialing specifications through resistor options matrix.
The SC9302 series tone/pulse dialers are offered in four different versions. They are SC9302X normal version, SC9302/F/G/H simple version, SC9302XT key-tone version and SC9302XLT key-tone/lock functions version. The SC9302X normal version provides the pin selected lock function; the SC9302XT version provides the key-tone function; the SC9302XLT version provides both the key-tone function and key board-operated IDD lock function. All of the above three versions also supply the following functions: Hold-line, Hand-free and LCD dialing number display interface, all of which are suitable for feature phone applications. However, the SC9302F/G/H version is simpler than the other three versions. It provides only a redialing memory for a simple low-cost system application.

FEATURES
* Universal specification
* Operating voltage: 2.0V~5.5V
* Low stand-by current
* Low memory retention current:0.1µA(Typ.)
* Tone/pulse switchable
* Interface with LCD driver
* 32 digits for redialing
* 32 digits for the SA memory dialing
* One-key redialing
* Pause and P→T key for PBX
* 4x4 keyboard matrix
* 3.58MHz crystal or ceramic resonator
* Hand-free control
* Hold-line control
* Pause, P→T can be saved for redialing
* Lock function
* Key tone function
* Resistor options:
   - M/B ratio
   - Flash function and flash time
   - Pause and P→T duration
   - Pulse number
   - Keyboard operated IDD lock function




Similar Part No. - SC9302F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9302 FAIRVIEW-SC9302 Datasheet
28Kb / 1P
N-M CLAMP RG55, RG58
REV A
More results


Similar Description - SC9302F

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9202A HOLTEK-HT9202A Datasheet
209Kb / 9P
1-Memory/2-Memory Tone/Pulse Dialer
8th Feb 96
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
1-Memory/2-Memory Tone/Pulse Dialer
September 30, 2002
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
22-Memory Tone/Pulse Dialer
July 21, 1999
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
15-Memory Tone/Pulse Dialer
October 1, 2002
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
1-memory Tone/Pulse Dialer
October 2, 2002
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
15-Memory Tone/Pulse Dialer
3rd Dec 97
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
1-Memory/2-Memory Tone/Pulse Dialer
May 13, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com