Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEMD6010 Datasheet (PDF) - Vishay Siliconix

TEMD6010 Datasheet PDF - Vishay Siliconix
Part # TEMD6010
Download  TEMD6010 Download
File Size   121.77 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensor

TEMD6010 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEMD6010 Datasheet PDF - Vishay Siliconix

Part # TEMD6010
Download  TEMD6010 Click to download

File Size   121.77 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensor

TEMD6010 Datasheet (HTML) - Vishay Siliconix


TEMD6010 Product details

• Package type: surface mount
• Package form: 1206
• Dimensions (L x W x H in mm): 4 x 2 x 1.05
• Radiant sensitive area (in mm2): 0.27
• AEC-Q101 qualified
• High photo sensitivity
• Adapted to human eye responsivity
• Supression filter for near infrared radiation
• Angle of half sensitivity: ϕ = ± 60°
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering




Similar Part No. - TEMD6010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
148Kb / 5P
Ambient Light Sensor, RoHS Compliant, Released for Lead (Pb)-free Reflow Soldering, AEC-Q101 Released
13-Nov-08
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
123Kb / 5P
Ambient Light Sensor
24-Sep-09
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
118Kb / 5P
Ambient Light Sensors
20-Aug-12
TEMD6010FX01 VISHAY-TEMD6010FX01 Datasheet
118Kb / 5P
Ambient Light Sensor
20-Aug-12
More results


Similar Description - TEMD6010

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V01 Datasheet
144Kb / 6P
Ambient Light Sensor
08-Apr-14
TEMT6000X01 VISHAY-TEMT6000X01_V01 Datasheet
148Kb / 6P
Ambient Light Sensor
23-Aug-11
TEPT4400 VISHAY-TEPT4400_V01 Datasheet
106Kb / 5P
Ambient Light Sensor
30-Jun-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com