Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42482 Datasheet (PDF) - Peregrine Semiconductor

Part # PE42482
Description  SP8T RF Switch, 10 MHz?? GHz
File Size   910.45 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42482 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE42482

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE4248 PASTERNACK-PE4248 Datasheet
357Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4248 PASTERNACK-PE4248_16 Datasheet
357Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
More results


Similar Description - PE42482

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
logo
API Technologies Corp
TWD5005 APITECH-TWD5005 Datasheet
81Kb / 1P
SP8T RF SWITCH MODEL
logo
Peregrine Semiconductor
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42412 PSEMI-PE42412 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
SP6T RF Switch, 10 MHz?? GHz
PE42582 PSEMI-PE42582 Datasheet
920Kb / 23P
SP8T RF Switch, 9 kHz?? GHz
PE426412 PSEMI-PE426412 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
PE426462 PSEMI-PE426462 Datasheet
786Kb / 20P
SP6T RF Switch, 10 MHz?? GHz
logo
Mini-Circuits
USB-1SP8T-63H MINI-USB-1SP8T-63H Datasheet
707Kb / 8P
USB RF SP8T Switch
logo
Analog Devices
ADRF5080 AD-ADRF5080 Datasheet
2Mb / 15P
Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com