Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42562 Datasheet (PDF) - Peregrine Semiconductor

Part # PE42562
Description  SP6T RF Switch, 9 kHz?? GHz
File Size   796.12 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42562 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE42562

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
SPDT CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
75 廓 SPDT CATV UltraCMOS
logo
Pasternack Enterprises,...
PE4256 PASTERNACK-PE4256 Datasheet
325Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE4256-EK PEREGRINE-PE4256-EK Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
More results


Similar Description - PE42562

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
SP6T RF Switch, 10 MHz?? GHz
PE42512 PSEMI-PE42512 Datasheet
1Mb / 25P
SP12T RF Switch, 9 kHz?? GHz
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
SPDT RF Switch, 9 kHz??0 GHz
PE42582 PSEMI-PE42582 Datasheet
920Kb / 23P
SP8T RF Switch, 9 kHz?? GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com