Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE426482 Datasheet (PDF) - Peregrine Semiconductor

Part # PE426482
Description  Harsh industrial applications up to 8 GHz
File Size   911.85 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE426482 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE426482

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4264 PASTERNACK-PE4264 Datasheet
218Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp - Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
SP4T UltraCMOS RF Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE42641 PSEMI-PE42641 Datasheet
891Kb / 8P
SP4T UltraCMOS짰 RF Switch
PE426412 PSEMI-PE426412 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
PE426412A-X PSEMI-PE426412A-X Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
More results


Similar Description - PE426482

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-42000 HP-AT-42000 Datasheet
57Kb / 5P
Up to 6 GHz Medium Power Up to 6 GHz Medium Power
AT-42085 HP-AT-42085 Datasheet
53Kb / 5P
Up to 6 GHz Medium Power Up to 6 GHz Medium Power
logo
National Instruments Co...
NI9921 NI-NI9921 Datasheet
136Kb / 3P
Protection from harsh outdoor or industrial environments
logo
NXP Semiconductors
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
logo
Pasternack Enterprises,...
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6222 PASTERNACK-PE6222 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6223 PASTERNACK-PE6223 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6226 PASTERNACK-PE6226 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
logo
List of Unclassifed Man...
DURANAS1000 ETC2-DURANAS1000 Datasheet
453Kb / 3P
Ruggedized for harsh environments Up to 1 TB aggregated storage
logo
Keysight Technologies
N2809A KEYSIGHT-N2809A Datasheet
1Mb / 11P
Bandwidths up to 33 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com