Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4285 Datasheet (PDF) - ATMEL Corporation

Part # ATR4285
Description  Reference Oscillator up to 15 MHz
File Size   274.34 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4285 Datasheet (PDF) - ATMEL Corporation



Similar Part No. - ATR4285

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4289 ATMEL-ATR4289 Datasheet
282Kb / 12P
Reference Oscillator up to 15 MHz
ATR4289-TBQY ATMEL-ATR4289-TBQY Datasheet
282Kb / 12P
Reference Oscillator up to 15 MHz
ATR4289-TBSY ATMEL-ATR4289-TBSY Datasheet
282Kb / 12P
Reference Oscillator up to 15 MHz
More results


Similar Description - ATR4285

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
SMD Clock Oscillator LVDS Output frequency up to 320 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
SMD Clock Oscillator LVDS Output frequency up to 320 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
logo
List of Unclassifed Man...
R9-NBS-UDMK-GP ETC2-R9-NBS-UDMK-GP Datasheet
327Kb / 1P
Supports up to 15??laptops.
logo
ATMEL Corporation
ATR4289 ATMEL-ATR4289 Datasheet
282Kb / 12P
Reference Oscillator up to 15 MHz
U4285BM ATMEL-U4285BM Datasheet
222Kb / 10P
Reference Oscillator up to 15 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com