Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6176 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE6176
Description  2 Watt RF Load Up to 40 GHz
File Size   446.68 Kbytes
Html View  1   2   3   4 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6176 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE6176

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6176 PASTERNACK-PE6176 Datasheet
360Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up To 40 GHz
More results


Similar Description - PE6176

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6173 PASTERNACK-PE6173 Datasheet
353Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load Up To 40 GHz
PE6175 PASTERNACK-PE6175 Datasheet
357Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Female RF Load Up To 40 GHz
PE6818 PASTERNACK-PE6818 Datasheet
208Kb / 2P
40 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6172 PASTERNACK-PE6172 Datasheet
424Kb / 4P
2 Watt RF Load Up to 6 GHz
PE6173 PASTERNACK-PE6173_16 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE6175 PASTERNACK-PE6175_16 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6178 PASTERNACK-PE6178_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 50 GHz
PE6180 PASTERNACK-PE6180_16 Datasheet
438Kb / 4P
2 Watt RF Load Up to 50 GHz
PE6197 PASTERNACK-PE6197_16 Datasheet
429Kb / 3P
High Power 100 Watt RF Load Up to 3 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com