Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2402 Datasheet (PDF) - MTRONPTI

Part # M2402
Description  SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
File Size   1577.02 Kbytes
Html View  1   2   3 
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M2402 Datasheet (PDF) - MTRONPTI



Similar Part No. - M2402

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
Alpha Wire
M2403 ALPHAWIRE-M2403 Datasheet
409Kb / 4P
28 (7/36) AWG Tinned Copper
M2404 ALPHAWIRE-M2404 Datasheet
409Kb / 4P
28 (7/36) AWG Tinned Copper
logo
MTRONPTI
M2406 MTRONPTI-M2406 Datasheet
1Mb / 3P
SPECIFICATION FOR 5.0 x 7.0 mm SMT CRYSTAL OSCILLATOR
logo
Alpha Wire
M2406 ALPHAWIRE-M2406 Datasheet
409Kb / 4P
28 (7/36) AWG Tinned Copper
More results


Similar Description - M2402

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M250063TCN MTRONPTI-M250063TCN Datasheet
124Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M251063TCN MTRONPTI-M251063TCN Datasheet
124Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M250X MTRONPTI-M250X Datasheet
126Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M251X MTRONPTI-M251X Datasheet
127Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
M2406 MTRONPTI-M2406 Datasheet
1Mb / 3P
SPECIFICATION FOR 5.0 x 7.0 mm SMT CRYSTAL OSCILLATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TW0248A TAI-SAW-TW0248A Datasheet
129Kb / 8P
SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0
TW0299C TAI-SAW-TW0299C Datasheet
172Kb / 9P
Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0
TW0451A TAI-SAW-TW0451A Datasheet
131Kb / 8P
SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2
TW0464A TAI-SAW-TW0464A Datasheet
142Kb / 8P
Crystal Oscillator SMD 2.5x2.0 3.5795MHz
REV. NO: 1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com