Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BBA02 Datasheet (PDF) - BeRex Corporation

Part # BBA02
Description  40-6000 MHz BroadBand AMP
File Size   1248.89 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BBA02 Datasheet (PDF) - BeRex Corporation



Similar Part No. - BBA02_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BBA02 BEREX-BBA02_V01 Datasheet
1Mb / 22P
40-8000 MHz BroadBand AMP
Rev. 6.4
More results


Similar Description - BBA02_18

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
Micronetics, Inc.
NMA2514-1T MICRONETICS-NMA2514-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
NMA2514-2T MICRONETICS-NMA2514-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 100 MHz to 6000 MHz
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
TSA-213245 TELEDYNE-TSA-213245 Datasheet
173Kb / 2P
2000 TO 6000 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
40-6000 MHz BroadBand AMP
logo
Skyworks Solutions Inc.
SKYA21051 SKYWORKS-SKYA21051 Datasheet
4Mb / 22P
200 to 6000 MHz Broadband Low-Noise Amplifier
logo
Marki Microwave
INV-0040 MARKIMICROWAVE-INV-0040 Datasheet
391Kb / 4P
BROADBAND PULSE INVERTER (1 MHz to 40 GHz)
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com