Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA10298 Datasheet (PDF) - Ledil, Inc.

Part # CA10298
Description  ~25째 medium beam. 16.2 mm high assembly with installation tape.
File Size   2289.55 Kbytes
Html View  1   2   3   4 
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10298 Datasheet (PDF) - Ledil, Inc.



Similar Part No. - CA10298

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CA102 ALTECH-CA102 Datasheet
71Kb / 1P
CASP is a DIN Rail mountable spacer generally used for circuit separation
logo
American Accurate Compo...
CA1020N1610 AAC-CA1020N1610 Datasheet
150Kb / 3P
Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3214 AAC-CA1020N3214 Datasheet
150Kb / 3P
Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
Broadband Medium Power Amplifiers 1 to 18GHz
logo
Tyco Electronics
CA1021 MACOM-CA1021 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
More results


Similar Description - CA10298

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10252 LEDIL-CA10252_18 Datasheet
2Mb / 4P
~25째 medium beam. Assembly with tape.
CA10249 LEDIL-CA10249 Datasheet
2Mb / 4P
~25째 medium beam. 16.7 mm high assembly with installation tape.
CA12264 LEDIL-CA12264 Datasheet
2Mb / 4P
~25째 medium beam optimized for LUXEON Rebel. 14.4 mm high assembly with installation tape.
CX15818 LEDIL-CX15818 Datasheet
3Mb / 5P
~25째 medium beam with holder and installation tape
FA10697 LEDIL-FA10697 Datasheet
3Mb / 4P
~25째 medium beam optimized for Nichia NS6x83. 13.3 mm high assembly with installation tape.
FA11062 LEDIL-FA11062 Datasheet
4Mb / 4P
~25째 medium beam optimized for Samsung Sunnix5. 14.6 mm high assembly with installation tape.
FCA15008 LEDIL-FCA15008_18 Datasheet
7Mb / 4P
~25째 medium beam. Assembly with black holder and installation tape.
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
~25째 medium beam. Assembly with location pins and installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
~25째 spot beam. Assembly with installation tape.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com