| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL83239E
|
567Kb / 12P |
짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
September 2001 |
|
ICL3237E
|
302Kb / 12P |
-15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
July 2004 |
|
ICL3237
|
239Kb / 11P |
1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
October 21, 2005 |
|
ISL83385E
|
275Kb / 11P |
짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005 |
|
ISL83220E
|
194Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006 |
|
ISL83239E
|
343Kb / 11P |
짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004 |
|
ICL3245ECAZ-T
|
450Kb / 20P |
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
February 27, 2006 |
|
ICL3241EIA
|
699Kb / 33P |
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010 |
 Renesas Technology Corp |
ISL83220E
|
511Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
|
|
ISL83239E
|
602Kb / 11P |
±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004 |