Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR502UB Datasheet (PDF) - Rohm

Part # 2SCR502UB
Description  NPN 500mA 30V General purpose transistors
File Size   1999.61 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR502UB Datasheet (PDF) - Rohm



Similar Part No. - 2SCR502UB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR502U3 ROHM-2SCR502U3 Datasheet
2Mb / 10P
NPN 500mA 30V General purpose transistors
20221201 - Rev.002
2SCR502U3HZG ROHM-2SCR502U3HZG Datasheet
1Mb / 10P
NPN 500mA 30V General purpose transistors
More results


Similar Description - 2SCR502UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Rohm
2SAR502EB ROHM-2SAR502EB Datasheet
2Mb / 9P
PNP 500mA 30V General purpose transistors
2SAR502U3HZG ROHM-2SAR502U3HZG Datasheet
1Mb / 13P
PNP 500mA 30V General purpose transistors
2SCR502U3HZG ROHM-2SCR502U3HZG Datasheet
1Mb / 10P
NPN 500mA 30V General purpose transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
Rohm
2SAR502E3HZG ROHM-2SAR502E3HZG Datasheet
1Mb / 9P
PNP -500mA -30V General purpose transistors
20220721 - Rev.002
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
NPN 500mA 30V General purpose transistors
20220712 - Rev.001
2SAR502E3 ROHM-2SAR502E3 Datasheet
2Mb / 10P
PNP 500mA 30V General purpose transistors
20221201 - Rev.002
2SCR502E3 ROHM-2SCR502E3 Datasheet
2Mb / 10P
NPN 500mA 30V General purpose transistors
20221201 - Rev.002
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com