Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-HOZ462 Datasheet (PDF) - PHOENIX CONTACT

Part # UM-HOZ462
Description  Universal module, with Hengstler plug-in base for safety relay H...462/2, contact: 4 N/O contacts, 2 N/C contacts, with light indicator, input voltage 120-230 V AC
File Size   67.01 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

UM-HOZ462 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - UM-HOZ462

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
UM-0018-H RRE-UM-0018-H Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
logo
MTRONPTI
UM-1 MTRONPTI-UM-1 Datasheet
303Kb / 2P
miniature resistance
UM-1 MTRONPTI-UM-1 Datasheet
294Kb / 3P
Miniature resistance weld package
logo
Abracon Corporation
UM-1 ABRACON-UM-1 Datasheet
384Kb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
More results


Similar Description - UM-HOZ462

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ST-REL2-KG230AC PHOENIX-ST-REL2-KG230AC Datasheet
80Kb / 4P
Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL4-HG24 PHOENIX-ST-REL4-HG24 Datasheet
80Kb / 4P
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 N/ O contacts, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-HG110 PHOENIX-ST-REL4-HG110 Datasheet
80Kb / 4P
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 N/ O contacts, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-KG120 PHOENIX-ST-REL4-KG120 Datasheet
84Kb / 4P
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 N/O contacts, 120 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
REL-IR2-L-230AC PHOENIX-REL-IR2-L-230AC Datasheet
103Kb / 5P
Plug-in industrial relay with power contacts, 2 PDTs, test key, status LED, mechanical switch position indicator, input voltage: 230 V AC
REL-PR2-120AC PHOENIX-REL-PR2-120AC Datasheet
103Kb / 5P
Plug-in high-power relay with power contacts, 2 PDTs, coil voltage: 120 V AC
REL-PR2-230AC PHOENIX-REL-PR2-230AC Datasheet
103Kb / 5P
Plug-in high-power relay with power contacts, 2 PDTs, coil voltage: 230 V AC
EMG22-K1-W230 PHOENIX-EMG22-K1-W230 Datasheet
70Kb / 3P
Relay module, with plug-in base for KAMMRELAIS짰 size 1, contact: B 104, 2 PDT, input voltage 120-230 V AC, with light indicator, damping and polarity protection diode
EMG45-K2-W24 PHOENIX-EMG45-K2-W24 Datasheet
72Kb / 3P
Relay module, with plug-in base for KAMMRELAIS짰 size 2, contact: B 110, 4 PDTs, input voltage 24 V AC, with light indicator, damping and polarity protection diode
2900960 PHOENIX-2900960 Datasheet
63Kb / 3P
relay base, for high-power relay with 2 or 3 changeover contacts or 3 N/O contacts
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com