Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUTFOX-10 Datasheet (PDF) - PHOENIX CONTACT

Part # CUTFOX-10
Description  Cutting machine, for cables, litz wires, and shrink sleeves, 230 V mains voltage
File Size   57.83 Kbytes
Html View  1   2   3   4 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CUTFOX-10 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - CUTFOX-10

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CUTFOX-10-BAR PHOENIX-CUTFOX-10-BAR Datasheet
46Kb / 2P
Replacement holding arm for cable roller
CUTFOX-10-C-UN PHOENIX-CUTFOX-10-C-UN Datasheet
53Kb / 2P
Cable roller for CUTFOX 10
CUTFOX-10-R-C PHOENIX-CUTFOX-10-R-C Datasheet
44Kb / 2P
Replacement rotary table for cable roller
CUTFOX-100 PHOENIX-CUTFOX-100 Datasheet
48Kb / 2P
With ratchet function for minimum effort
More results


Similar Description - CUTFOX-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCA4511 ETC1-TCA4511 Datasheet
142Kb / 6P
Stereo demodulator for car-and mains operated radios
logo
Qualtek Electronics Cor...
QF-40-01 QUALTEK-QF-40-01 Datasheet
302Kb / 1P
Filter Media for QLM Sleeves
logo
List of Unclassifed Man...
HI_FLEX_UNSHIELDED_CABLES ETC2-HI_FLEX_UNSHIELDED_CABLES Datasheet
202Kb / 2P
Cables with 1-12 wires, from 4 to 38 AWG
logo
Kemet Corporation
ENC499 KEMET-ENC499 Datasheet
113Kb / 1P
Electrode Notching and Cutting Machine
logo
List of Unclassifed Man...
CA3LS ETC2-CA3LS Datasheet
90Kb / 1P
Connectors for mains connection
logo
PHOENIX CONTACT
CF-3000-LOC-2 PHOENIX-CF-3000-LOC-2 Datasheet
49Kb / 2P
Sleeve receiver for 2.5 mm짼 sleeves
CF-500DIE-SC-1 PHOENIX-CF-500DIE-SC-1 Datasheet
44Kb / 2P
Die for crimping machine CF 500, for slip-on sleeves and flat connectors (C-SCF... and C-SCM...) 0.1-1.5 mm짼
CF-500DIE-SC-6 PHOENIX-CF-500DIE-SC-6 Datasheet
44Kb / 2P
Die for crimping machine CF 500, for slip-on sleeves and flat connectors (C-SCF... and C-SCM...) 0.5-6 mm짼
CF-500LOC-SCF-4 PHOENIX-CF-500LOC-SCF-4 Datasheet
43Kb / 2P
Sleeve receiver for CF 500 crimping machine, for slip-on sleeves (SCF 4,8...), 0.5 - 2.5 mm짼, width: 4.8 mm
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com