Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5LE-E Datasheet (PDF) - Omron Electronics LLC

Part # G5LE-E
Description  Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
File Size   375.26 Kbytes
Html View  1   2   3   4   5 
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-E Datasheet (PDF) - Omron Electronics LLC



Similar Part No. - G5LE-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
890Kb / 4P
Cubic, Single-pole 10A Power Relay
More results


Similar Description - G5LE-E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-C2 FUJITSU-FTR-C2_10 Datasheet
840Kb / 8P
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
POWER RELAY 1 POLE - 25A - 1.5mm contact gap
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com