Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QUICK-WIREFOX-18 Datasheet (PDF) - PHOENIX CONTACT

Part # QUICK-WIREFOX-18
Description  Stripping pliers, for standard insulation such as PVC and PE, stripping range: 4 to 16 mm짼, can cut wires up to 6 mm짼 stranded and 4 mm짼 solid
File Size   46.12 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

QUICK-WIREFOX-18 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - QUICK-WIREFOX-18

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
QUICK-WIREFOX-16 PHOENIX-QUICK-WIREFOX-16 Datasheet
82Kb / 3P
Stripping tool, for conductors and cables of 6.0 to 16.0 mm diameter
QUICK-WIREFOX-16-EM PHOENIX-QUICK-WIREFOX-16-EM Datasheet
49Kb / 2P
Spare knife
More results


Similar Description - QUICK-WIREFOX-18

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-16-S PHOENIX-CRIMPFOX-16-S Datasheet
46Kb / 2P
Crimping pliers for ferrules up to 16 mm짼
QUICK-WIREFOX-6 PHOENIX-QUICK-WIREFOX-6 Datasheet
54Kb / 3P
Stripping tool for cables with PVC insulation, stripping range: 0.08 to 6 mm짼, wire cutting up to 6 mm짼 flexible or 4 mm짼 rigid
QUICK-WIREFOX-6-SC PHOENIX-QUICK-WIREFOX-6-SC Datasheet
49Kb / 2P
Stripping tool for short-circuit proof conductors, stripping range: 1.5 up to 6 mm짼, wire cutting up to 6 mm짼 cable stopper up to 18 mm짼
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
WIREFOX-10-VDE-DB PHOENIX-WIREFOX-10-VDE-DB Datasheet
53Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested, type of packaging: with holder for sales display (backcard)
WIREFOX-16-1 PHOENIX-WIREFOX-16-1 Datasheet
50Kb / 2P
Stripping pliers, for cables and conductors with a cross section of 6 ??16 mm짼, self-adjusting, any stripping length, also suitable for sensor/actuator cables
1212507 PHOENIX-1212507 Datasheet
47Kb / 2P
Stripping tool, for 2.5 - 6 mm짼 solar cables, 8.5 mm stripping length, for MC3, MC4 and SOLARLOK contacts
1212511 PHOENIX-1212511 Datasheet
47Kb / 2P
Stripping tool, for standard 2.5, 4, and 6 mm짼 solar cables, with 15 mm length stop, for SUNCLIX field connectors
logo
Weidmuller
1010100000 WEIDMULLER-1010100000 Datasheet
547Kb / 10P
PE terminal, Screw connection, 4 mm짼, 480 A (4 mm짼), Green/yellow
October 4, 2021
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com