Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-M-BH Datasheet (PDF) - PHOENIX CONTACT

Part # SF-M-BH
Description  Bit screwdriver, with 1/4" quick-action chuck, handle length 119 mm, 2-component handle, with non-slip grip, suitable for bits according to DIN 3126-C 6.3 and E 6.3/ISO 1173, magnetic
File Size   43.43 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SF-M-BH Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - SF-M-BH

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-M-SET-2 PHOENIX-SF-M-SET-2 Datasheet
49Kb / 2P
Bit screwdriver set, packed in a practical belt pouch
More results


Similar Description - SF-M-BH

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
BHN-10 PHOENIX-BHN-10 Datasheet
41Kb / 2P
Socket wrench insert, magnetic, hexagonal, 10 mm wrench size, 1/4" drive, suitable for holders according to DIN 3126-F 6,3/ISO 1173
SF-BIT-HEXB-5-89 PHOENIX-SF-BIT-HEXB-5-89 Datasheet
49Kb / 2P
Screw bit, hexagonal with ball head, E6.3-1/4" drive, size: Hex 5 x 89 mm, hardened, suitable for holder according to DIN 3126-F 6.3/ISO 1173
SF-PHSL-1-80-VDE PHOENIX-SF-PHSL-1-80-VDE Datasheet
49Kb / 3P
Screwdriver, positive/negative PH slot, VDE-isolated, size: PH 1 x 80, two component handle, with non-slip grip
SZK-PH1-VDE PHOENIX-SZK-PH1-VDE Datasheet
60Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 1 x 80 mm, 2-component grip, with non-slip grip
SF-BIT-HEX-2-50 PHOENIX-SF-BIT-HEX-2-50 Datasheet
47Kb / 2P
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 2 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173
SF-BIT-HEX-3-50 PHOENIX-SF-BIT-HEX-3-50 Datasheet
44Kb / 2P
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 3 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173
SF-BIT-HEX-4-50 PHOENIX-SF-BIT-HEX-4-50 Datasheet
44Kb / 2P
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 4 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
SF-BIT-HEX-5-50 PHOENIX-SF-BIT-HEX-5-50 Datasheet
44Kb / 2P
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 5 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
SF-BIT-HEX-8-50 PHOENIX-SF-BIT-HEX-8-50 Datasheet
50Kb / 2P
hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
SF-PZSL-1-80-S-VDE PHOENIX-SF-PZSL-1-80-S-VDE Datasheet
54Kb / 3P
Screwdriver, Plus-Minus PZH slot, VDE-isolated, size: PZ 1 x 80, two component handle, with non-slip grip
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com