Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1414895 Datasheet (PDF) - PHOENIX CONTACT

Part # 1414895
Description  Our standard: robust halogen-free PUR cable
File Size   115.82 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1414895 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1414895

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414891 PHOENIX-1414891 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414892 PHOENIX-1414892 Datasheet
575Kb / 18P
SAC-5P-M12MSL/ 5,0-280 FE SH - Power cable
1414893 PHOENIX-1414893 Datasheet
114Kb / 4P
High-performance: DC connectors for up to 16 A and 63 V DC
1414896 PHOENIX-1414896 Datasheet
569Kb / 18P
SAC-5P-M12MSL/10,0-280 FE SH - Power cable
1414897 PHOENIX-1414897 Datasheet
113Kb / 4P
Easy and safe: 100% electrically tested plug-in components
More results


Similar Description - 1414895

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
PUR, halogen free, UL 300 V
logo
PHOENIX CONTACT
1414806 PHOENIX-1414806 Datasheet
115Kb / 5P
Our standard: robust halogen-free PUR cable
1414819 PHOENIX-1414819 Datasheet
116Kb / 5P
Our standard: robust halogen-free PUR cable
1414858 PHOENIX-1414858 Datasheet
114Kb / 5P
Our standard: robust halogen-free PUR cable
1424604 PHOENIX-1424604 Datasheet
103Kb / 4P
Our standard: robust halogen-free PUR cable
1424594 PHOENIX-1424594 Datasheet
103Kb / 4P
Our standard: robust halogen-free PUR cable
1425067 PHOENIX-1425067 Datasheet
107Kb / 4P
Our standard: robust halogen-free PUR cable
1425074 PHOENIX-1425074 Datasheet
107Kb / 4P
Our standard: robust halogen-free PUR cable
1425082 PHOENIX-1425082 Datasheet
119Kb / 4P
Our standard: robust halogen-free PUR cable
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com