Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2949428 Datasheet (PDF) - PHOENIX CONTACT

Part # 2949428
Description  Rectifier module, with varistor protective circuit, operating voltage 230 V AC
File Size   65.26 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2949428 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2949428

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
294942 ERNI-294942 Datasheet
49Kb / 1P
Bausatz M8, Female, 4 pol
More results


Similar Description - 2949428

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
V3-120-230UC PHOENIX-V3-120-230UC Datasheet
60Kb / 4P
Plug-in module, for mounting on PR3, with varistor, input voltage: 120-230 V AC/DC 짹 20%
logo
WAGO Kontakttechnik Gmb...
857-369 WAGO-857-369 Datasheet
662Kb / 12P
Relay module; Nominal input voltage: 24 ??230 V AC/DC;
857-359 WAGO-857-359 Datasheet
657Kb / 11P
Relay module; Nominal input voltage: 24 ??230 V AC/DC;
2042-3809 WAGO-2042-3809 Datasheet
370Kb / 6P
Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
2042-3819 WAGO-2042-3819 Datasheet
377Kb / 7P
Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
857-368 WAGO-857-368 Datasheet
651Kb / 12P
Relay module; Nominal input voltage: 230 V AC/DC
22.11.2021
857-708 WAGO-857-708 Datasheet
572Kb / 11P
Solid-state relay module; Nominal input voltage: 230 V AC/DC
22.11.2021
logo
Schneider Electric
XPSAC3721 SCHNEIDER-XPSAC3721 Datasheet
119Kb / 3P
module XPSAC - Emergency stop - 230 V AC
Aug 11, 2019
XPSAC3721P SCHNEIDER-XPSAC3721P Datasheet
124Kb / 3P
module XPSAC - Emergency stop - 230 V AC
Aug 10, 2019
logo
WAGO Kontakttechnik Gmb...
286-830 WAGO-286-830 Datasheet
110Kb / 4P
Bridge rectifier module; Input voltage: 24 VAC; with varistor protective circuit; gray
23.11.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com