Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2200952 Datasheet (PDF) - PHOENIX CONTACT

Part # 2200952
Description  Panel mounting base, Side part
File Size   43.16 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200952 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2200952

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200950 PHOENIX-2200950 Datasheet
43Kb / 2P
Panel mounting base, Front plate, Color: aluminum, Width: 990 mm, Constructional height: 2 mm
2200951 PHOENIX-2200951 Datasheet
43Kb / 2P
Panel mounting base, Side part
2200953 PHOENIX-2200953 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 45 mm, Constructional height: 28.1 mm
2200954 PHOENIX-2200954 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 42.5 mm, Constructional height: 28.1 mm
2200955 PHOENIX-2200955 Datasheet
49Kb / 2P
Panel mounting base, Upper part, Color: aluminum, Width: 60 mm, Constructional height: 28.1 mm
More results


Similar Description - 2200952

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200900 PHOENIX-2200900 Datasheet
50Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 1000 mm
2200901 PHOENIX-2200901 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: gray
2200906 PHOENIX-2200906 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: gray
2200920 PHOENIX-2200920 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 130 mm
2200922 PHOENIX-2200922 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 200 mm
2200933 PHOENIX-2200933 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: aluminum
2200934 PHOENIX-2200934 Datasheet
43Kb / 2P
Panel mounting base, Side part, Color: black
2200938 PHOENIX-2200938 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 130 mm
2200940 PHOENIX-2200940 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 200 mm
2200951 PHOENIX-2200951 Datasheet
43Kb / 2P
Panel mounting base, Side part
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com