Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-213 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION

Part # AT-213
Description  ATTENUATORS//SWIITCHES
File Size   36.38 Kbytes
Html View  1 
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

AT-213 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION



Similar Part No. - AT-213

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-213 MACOM-AT-213 Datasheet
240Kb / 3P
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3 GHz
AT-213-PIN MACOM-AT-213-PIN Datasheet
159Kb / 1P
Digital Attenuator, 15.0 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
AT-213-PIN MA-COM-AT-213-PIN Datasheet
110Kb / 4P
Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT-213-PIN MA-COM-AT-213-PIN Datasheet
110Kb / 4P
Digital Attenuator
AT-213-PIN MA-COM-AT-213-PIN_15 Datasheet
609Kb / 5P
Digital Attenuator
More results


Similar Description - AT-213

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
P-AT-6 HIROSE-P-AT-6 Datasheet
96Kb / 5P
Programmable Attenuators
logo
Merrimac Industries, In...
AUM-16H MERRIMAC-AUM-16H Datasheet
333Kb / 3P
MICROWAVE ATTENUATORS
AUM-25A MERRIMAC-AUM-25A Datasheet
387Kb / 3P
MICROWAVE ATTENUATORS
logo
Rohm
RCN02 ROHM-RCN02_08 Datasheet
77Kb / 3P
Chip Attenuators
logo
Mini-Circuits
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
FIXED ATTENUATORS
K2-VAT-A+ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com