Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2854186 Datasheet (PDF) - PHOENIX CONTACT

Part # 2854186
Description  Can be snapped onto standard NS 35/7,5 and NS 35/15 DIN rails
File Size   124.47 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2854186 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2854186

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
More results


Similar Description - 2854186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2279279 PHOENIX-2279279 Datasheet
46Kb / 2P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2279282 PHOENIX-2279282 Datasheet
47Kb / 3P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
3274054 PHOENIX-3274054 Datasheet
51Kb / 2P
DIN rail adapter, width: 28.6 mm, height: 11 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
3274057 PHOENIX-3274057 Datasheet
50Kb / 2P
DIN rail adapter, with end stop function, width: 10.3 mm, height: 12 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
2695439 PHOENIX-2695439 Datasheet
56Kb / 2P
DIN rail connector (TBUS), 5-pos., for bridging the supply voltage, can be snapped onto NS 35/... DIN rails according to EN 60715
2707754 PHOENIX-2707754 Datasheet
60Kb / 4P
ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
2906364 PHOENIX-2906364 Datasheet
45Kb / 2P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
0807012 PHOENIX-0807012 Datasheet
62Kb / 3P
DIN rail perforated - NS 35/ 7,5 PERF 1000MM
09/11/2020
1207658 PHOENIX-1207658 Datasheet
66Kb / 3P
DIN rail perforated - NS 35/15 PERF 1000MM
09/11/2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com