Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2906364 Datasheet (PDF) - PHOENIX CONTACT

Part # 2906364
Description  Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
File Size   45.92 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906364 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2906364

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906367 PHOENIX-2906367 Datasheet
1Mb / 15P
TRIO-UPS-2G/3AC/24DC/20 - Uninterruptible power supply
More results


Similar Description - 2906364

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906487 PHOENIX-2906487 Datasheet
83Kb / 3P
Side element, left, with foot, width: 5 mm, length: 72 mm, for mounting on NS 32 or NS 35/7.5, with PE contact to the DIN rail
2909442 PHOENIX-2909442 Datasheet
70Kb / 2P
Side element, with screw fixture, to attach profile cover UM 122 to DIN rail NS 35/7.5
2943479 PHOENIX-2943479 Datasheet
145Kb / 7P
Base element with snap-on foot, for mounting on standard DIN rail, 22.5 mm wide
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2956660 PHOENIX-2956660 Datasheet
50Kb / 2P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
2956819 PHOENIX-2956819 Datasheet
80Kb / 4P
Electronics housing base element with snap-on foot for mounting on standard DIN rail, 35 mm wide
2959353 PHOENIX-2959353 Datasheet
59Kb / 3P
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
2959382 PHOENIX-2959382 Datasheet
69Kb / 3P
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
0807012 PHOENIX-0807012 Datasheet
62Kb / 3P
DIN rail perforated - NS 35/ 7,5 PERF 1000MM
09/11/2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com