Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2956819 Datasheet (PDF) - PHOENIX CONTACT

Part # 2956819
Description  Electronics housing base element with snap-on foot for mounting on standard DIN rail, 35 mm wide
File Size   80.84 Kbytes
Html View  1   2   3   4 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2956819 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2956819

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2956822 PHOENIX-2956822 Datasheet
209Kb / 4P
Side element - UEG-EU-SE
11/25/2021
2956893 PHOENIX-2956893 Datasheet
49Kb / 2P
Side element, tall version, for closing both ends of the base element UM-BEFE, with guide grooves for vertically arranged printed circuit boards, for 60 mm wide U-shaped profile cover
More results


Similar Description - 2956819

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2709406 PHOENIX-2709406 Datasheet
134Kb / 7P
Lower housing part, with snap-on foot
2764108 PHOENIX-2764108 Datasheet
146Kb / 8P
Lower housing part, with snap-on foot
2906364 PHOENIX-2906364 Datasheet
45Kb / 2P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
2906487 PHOENIX-2906487 Datasheet
83Kb / 3P
Side element, left, with foot, width: 5 mm, length: 72 mm, for mounting on NS 32 or NS 35/7.5, with PE contact to the DIN rail
2943479 PHOENIX-2943479 Datasheet
145Kb / 7P
Base element with snap-on foot, for mounting on standard DIN rail, 22.5 mm wide
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2955577 PHOENIX-2955577 Datasheet
49Kb / 2P
Base element without snap foot, for aligning several base elements with ribs, L = 35 mm
2956660 PHOENIX-2956660 Datasheet
50Kb / 2P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
2959382 PHOENIX-2959382 Datasheet
69Kb / 3P
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com