Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2959311 Datasheet (PDF) - PHOENIX CONTACT

Part # 2959311
Description  Side element, with cable fixture, 6 mm wide, cables fixed with cable ties, these are not included in the scope of delivery.
File Size   82.7 Kbytes
Html View  1   2   3 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2959311 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2959311

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2959337 PHOENIX-2959337 Datasheet
49Kb / 2P
Lateral elements with potential ground contact available from the PCB to the DIN rail (EMC)
2959340 PHOENIX-2959340 Datasheet
50Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
2959353 PHOENIX-2959353 Datasheet
59Kb / 3P
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
2959366 PHOENIX-2959366 Datasheet
56Kb / 3P
Profile housing and board base, 10 mm wide module, consisting of two side elements
2959382 PHOENIX-2959382 Datasheet
69Kb / 3P
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
More results


Similar Description - 2959311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TY28MX ETC2-TY28MX Datasheet
66Kb / 1P
Premium cable ties with steel locking barb Standard ties
logo
Molex Electronics Ltd.
62201-6600 MOLEX11-62201-6600 Datasheet
41Kb / 1P
Ribbon Cable Tool Kit, Press Not Included
logo
PHOENIX CONTACT
2853417 PHOENIX-2853417 Datasheet
128Kb / 5P
Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 22.5 mm wide.
2853666 PHOENIX-2853666 Datasheet
130Kb / 5P
Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate element is 17.5 mm wide, color: Black
2908265 PHOENIX-2908265 Datasheet
129Kb / 5P
Intermediate element for modular extension of the volume of the housing in the pitch. The open intermediate element is 17.5 mm wide.
2908275 PHOENIX-2908275 Datasheet
129Kb / 5P
Intermediate element for modular extension of the volume of the housing in the pitch. The closed intermediate element is 17.5 mm wide.
2959434 PHOENIX-2959434 Datasheet
67Kb / 2P
Cable fixing by means of UM ...-SEK lateral element (fixed using cable binders, not supplied as standard)
2970002 PHOENIX-2970002 Datasheet
60Kb / 3P
Universal module, comprising: Side element, 11.25 mm wide, with marker groove
logo
Sharp Corporation
LQ156M3LW01 SHARP-LQ156M3LW01 Datasheet
1Mb / 30P
These parts are complied with the RoHS directive
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com