Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2959340 Datasheet (PDF) - PHOENIX CONTACT

Part # 2959340
Description  Inexpensive as a result of reducing the number of separate housing parts
File Size   50.18 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2959340 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2959340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2959311 PHOENIX-2959311 Datasheet
82Kb / 3P
Side element, with cable fixture, 6 mm wide, cables fixed with cable ties, these are not included in the scope of delivery.
2959337 PHOENIX-2959337 Datasheet
49Kb / 2P
Lateral elements with potential ground contact available from the PCB to the DIN rail (EMC)
2959353 PHOENIX-2959353 Datasheet
59Kb / 3P
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
2959366 PHOENIX-2959366 Datasheet
56Kb / 3P
Profile housing and board base, 10 mm wide module, consisting of two side elements
2959382 PHOENIX-2959382 Datasheet
69Kb / 3P
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
More results


Similar Description - 2959340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF37S010000 ETC2-SF37S010000 Datasheet
239Kb / 9P
Secure assembly of the two case parts
logo
Japan Aviation Electron...
FF02S27SV1 JAE-FF02S27SV1 Datasheet
224Kb / 1P
OOD NUMBER OF CONTACTS
logo
STMicroelectronics
AN975 STMICROELECTRONICS-AN975 Datasheet
78Kb / 11P
As part of a process of continuous improvement
logo
C&K Components
PTS540 CK-COMPONENTS-PTS540 Datasheet
143Kb / 2P
High number of cycles
logo
PHOENIX CONTACT
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
Connector housing, Number of positions: 1, Color: gray
2907826 PHOENIX-2907826 Datasheet
61Kb / 3P
Inexpensive as a result of reducing the number of separate housing parts
2908786 PHOENIX-2908786 Datasheet
49Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
2959298 PHOENIX-2959298 Datasheet
56Kb / 3P
Inexpensive as a result of reducing the number of separate housing parts
2959476 PHOENIX-2959476 Datasheet
49Kb / 2P
Inexpensive as a result of reducing the number of separate housing parts
logo
List of Unclassifed Man...
X9DR7-LN4F ETC1-X9DR7-LN4F Datasheet
1Mb / 1P
Insert the desired number of DIMMs into the memory slots
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com