Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2700142 Datasheet (PDF) - PHOENIX CONTACT

Part # 2700142
Description  Bulb, 5 W, 24 V, BA15d base
File Size   43.76 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2700142 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2700142

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
270014 RAACO-270014 Datasheet
34Kb / 1P
Box 6
logo
PHOENIX CONTACT
2700140 PHOENIX-2700140 Datasheet
246Kb / 13P
Voice output element for 24 V DC
2700141 PHOENIX-2700141 Datasheet
212Kb / 8P
Siren element, 7혻tones, 24혻V혻DC, max.혻100혻dB(A), ton range over 3 signal lines
2700143 PHOENIX-2700143 Datasheet
50Kb / 2P
Angle for base mounting, black
2700144 PHOENIX-2700144 Datasheet
51Kb / 3P
Angle for floor mounting, black
More results


Similar Description - 2700142

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DL1CB006 SCHNEIDER-DL1CB006 Datasheet
147Kb / 2P
clear incandescent bulb with BA9s base - 6 V / 1.2 W
Nov 22, 2021
DL1CD0063 SCHNEIDER-DL1CD0063 Datasheet
120Kb / 2P
LED bulb with BA9s base - green - 6 V / 1.2 W
Nov 22, 2021
DL1CE012 SCHNEIDER-DL1CE012 Datasheet
95Kb / 2P
clear incandescent bulb with BA9s base - 12 V / 2.6 W
Nov 22, 2021
DL1CE024NSP SCHNEIDER-DL1CE024NSP Datasheet
145Kb / 2P
clear incandescent bulb with BA9s base - 24 V / 2.6 W
Nov 22, 2021
DL1CE036 SCHNEIDER-DL1CE036 Datasheet
147Kb / 2P
clear incandescent bulb with BA9s base - 36 V / 2 W
Nov 22, 2021
DL1CE130NSP SCHNEIDER-DL1CE130NSP Datasheet
145Kb / 2P
clear incandescent bulb with BA9s base - 130 V / 2.6 W
Nov 22, 2021
DL1CJUS0241 SCHNEIDER-DL1CJUS0241 Datasheet
96Kb / 2P
LED bulb with BA9s base - white - 24 V AC/DC
Nov 22, 2021
DL1CJUS0246 SCHNEIDER-DL1CJUS0246 Datasheet
126Kb / 2P
LED bulb with BA9s base - blue - 24 V AC/DC
Nov 22, 2021
DL1BEB SCHNEIDER-DL1BEB Datasheet
73Kb / 1P
Tower Light and Beacons, clear incandescent bulb, BA15d, 24 V, 7 W
Aug 10, 2019
DL1BEG SCHNEIDER-DL1BEG Datasheet
72Kb / 1P
Tower Light and Beacons, clear incandescent bulb, BA15d, 120 V, 7 W
Aug 10, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com